Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PESDUC2FD3V3B Datasheet(PDF) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # PESDUC2FD3V3B
Description  1-CHANNEL ULTRA LOW CAPACITANCE ESD DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

PESDUC2FD3V3B Datasheet(HTML) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  PESDUC2FD3V3B Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd PESDUC2FD3V3B Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd PESDUC2FD3V3B Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd PESDUC2FD3V3B Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Electrical Characteristics(TA=25°C unless otherwise specified)
Rev 2.0 :
www.leiditech.com
2/4
Symbol
VRWM
VBR
IR
Parameter
Reverse Working Peak Voltage
Reverse Breakdown Voltage
Reverse Leakage Current
Clamping Voltage
Conditions
Typ
Max
3.3
Unit
V
IT = 1mA
V
VRWM = 3.3V
µ
A
V
VC
VC
Clamping Voltage
V
CJ
Capacitance
pF
Min
4.2
0.1
IPP = 1 A (8/20µs)
IPP = 4 A (8/20µs)
VR = 0V, f = 1MHz
0.45
0.6
14
10
01.06.2021
PESDUC2FD3V3B



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com