Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AP63300 Datasheet(PDF) 21 Page - Diodes Incorporated

Part # AP63300
Description  3.8V TO 32V INPUT, 3A LOW IQ SYNCHRONOUS BUCK WITH ENHANCED EMI REDUCTION
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP63300 Datasheet(HTML) 21 Page - Diodes Incorporated

Back Button AP63300 Datasheet HTML 14Page - Diodes Incorporated AP63300 Datasheet HTML 15Page - Diodes Incorporated AP63300 Datasheet HTML 16Page - Diodes Incorporated AP63300 Datasheet HTML 17Page - Diodes Incorporated AP63300 Datasheet HTML 18Page - Diodes Incorporated AP63300 Datasheet HTML 19Page - Diodes Incorporated AP63300 Datasheet HTML 20Page - Diodes Incorporated AP63300 Datasheet HTML 21Page - Diodes Incorporated AP63300 Datasheet HTML 22Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
AP63300/AP63301
Document number: DS42002 Rev. 3 - 2
21 of 22
www.diodes.com
August 2019
© Diodes Incorporated
AP63300/AP63301
Package Outline Dimensions
Please see http://www.diodes.com/package-outlines.html for the latest version.
TSOT26
TSOT26
Dim
Min
Max
Typ
A
—
1.00
—
A1
0.010
0.100
—
A2
0.840
0.900
—
D
2.800
3.000
2.900
E
2.800 BSC
E1
1.500
1.700
1.600
b
0.300
0.450
—
c
0.120
0.200
—
e
0.950 BSC
e1
1.900 BSC
L
0.30
0.50
—
L2
0.250 BSC
θ
0°
8°
4°
θ1
4°
12°
—
All Dimensions in mm
Suggested Pad Layout
Please see http://www.diodes.com/package-outlines.html for the latest version.
TSOT26
Dimensions
Value (in mm)
C
0.950
X
0.700
Y
1.000
Y1
3.199
D
E1
E1/2
e1
E
E/2
e
A
A2
A1
Seating Plane
0
L2
L
Gauge Plane
01(4x)
01(4x)
c
b
Seating Plane
Y1
C
X
Y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com