Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SH32N65DM6AG Datasheet(PDF) 12 Page - STMicroelectronics

Part # SH32N65DM6AG
Description  Automotive-grade N-channel 650 V, 89 m typ., 32 A MDmesh DM6 half‑bridge topology Power MOSFET in an ACEPACK SMIT package
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SH32N65DM6AG Datasheet(HTML) 12 Page - STMicroelectronics

Back Button SH32N65DM6AG Datasheet HTML 6Page - STMicroelectronics SH32N65DM6AG Datasheet HTML 7Page - STMicroelectronics SH32N65DM6AG Datasheet HTML 8Page - STMicroelectronics SH32N65DM6AG Datasheet HTML 9Page - STMicroelectronics SH32N65DM6AG Datasheet HTML 10Page - STMicroelectronics SH32N65DM6AG Datasheet HTML 11Page - STMicroelectronics SH32N65DM6AG Datasheet HTML 12Page - STMicroelectronics SH32N65DM6AG Datasheet HTML 13Page - STMicroelectronics SH32N65DM6AG Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
Revision history
Table 10. Document revision history
Date
Revision
Changes
03-Aug-2022
1
First release.
03-Oct-2022
2
Updated Table 1. Absolute maximum ratings.
Updated Table 3. Avalanche characteristics.
Updated Table 4. On/off states.
Updated Table 5. Dynamic characteristics.
Updated Table 7. Switching characteristics (inductive load).
Updated Table 8. Source-drain diode.
Updated Figure 1. Safe operating area.
Updated Figure 6. Typical gate charge characteristics.
Minor text changes.
SH32N65DM6AG
DS14049 - Rev 2
page 12/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com