Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STD13N50DM2AG Datasheet(PDF) 14 Page - STMicroelectronics

Part # STD13N50DM2AG
Description  Automotive-grade N-channel 500 V, 320 m typ., 11 A MDmesh DM2 Power MOSFET in a DPAK package
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD13N50DM2AG Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STD13N50DM2AG Datasheet HTML 8Page - STMicroelectronics STD13N50DM2AG Datasheet HTML 9Page - STMicroelectronics STD13N50DM2AG Datasheet HTML 10Page - STMicroelectronics STD13N50DM2AG Datasheet HTML 11Page - STMicroelectronics STD13N50DM2AG Datasheet HTML 12Page - STMicroelectronics STD13N50DM2AG Datasheet HTML 13Page - STMicroelectronics STD13N50DM2AG Datasheet HTML 14Page - STMicroelectronics STD13N50DM2AG Datasheet HTML 15Page - STMicroelectronics STD13N50DM2AG Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
Revision history
Table 10. Document revision history
Date
Revision
Changes
23-Jun-2017
1
First release.
16-Apr-2018
2
Removed maturity status indication from cover page. The document status is
production data.
Modified title, Table 1. Absolute maximum ratings, Table 3. Avalanche characteristics,
Table 4. Static, Table 5. Dynamic, Table 6. Switching times, Table 7. Source drain
diode.
Modified Section 2.1 Electrical characteristics (curves).
Minor text changes.
27-Jun-2018
3
Updated Section 4 Package information.
31-Oct-2019
4
Modified Features table on cover page and Table 4. Static.
Updated Section 4.1 DPAK (TO-252) type A2 package information.
Minor text changes.
STD13N50DM2AG
DS12210 - Rev 4
page 14/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com