Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

71M6403-IGT/F Datasheet(PDF) 2 Page - Teridian Semiconductor Corporation

Part # 71M6403-IGT/F
Description  Electronic Trip Unit
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TERIDIAN [Teridian Semiconductor Corporation]
Direct Link  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation

71M6403-IGT/F Datasheet(HTML) 2 Page - Teridian Semiconductor Corporation

  71M6403-IGT/F Datasheet HTML 1Page - Teridian Semiconductor Corporation 71M6403-IGT/F Datasheet HTML 2Page - Teridian Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Peak & RMS current measurement
Calculated or measured GND current
Power measurement functions option
Internal temperature sensor
Digital temperature compensation
Independent 32-bit compute engine
Two UART ports
Two timers
Hardware watchdog
Internal power fault detector
Real Time Clock (RTC)
Battery backup (RTC, RAM)
8-bit MPU (80515) - 1 clock cycle per
instruction (5Mhz max.)
LCD driver (
≤168 pixels)
5V LCD charge pump
Up to 22 general purpose I/O pins
High speed serial interface (SSI)
I2C EEPROM interface
64KB Flash, 7KB RAM
Flash memory security
30mW @ 3.3V
100-lead LQFP package
CONVERTER
V3.3A
3.3V
V3.3D GNDA GNDD
LCD 5V
BOOST
REGULATOR
VOLTAGE REF
SERIAL PORTS
LCD DRIVER
DIO, PULSE
CLOCK
V2.5
TEMP
SENSOR
COMPUTE
ENGINE
FLASH/ROM
MPU
TIMERS
RTC
ICE
COM0..3
SEG 3..23
SEG 24..27
DIO 4..11
SEG 32..41
DIO 12..21
DIO 4.5
CK38
CK
TX
VREF
VBIAS
RAM
SENSE
DRIVE/MOD
RX
RX
TX
PWR FAULT
RESETZ
71M6403
I0
{ I1I2
CT or
Rogowski
Sensors
I3
I4
I5
3.5V LCD
88.88.8888
Trip Indicators
4040 Counter
19.66MHz
EEPROM
GND
71M6403 Block Diagram
Ordering Information
For immediate technical information and the name of a local representative or distributor,
visit www.teridian.com, send an e-mail to support@teridian.com or call (714) 508-8800.
No responsibility is assumed by Teridian Semiconductor Corporation for use of this product nor for any infringements of patents and trade-
marks or other rights of third parties resulting from its use. No license is granted under any patents, patent rights or trademarks of Teridian
Semiconductor Corporation, and the company reserves the right to make changes in specifications at any time without notice. Accordingly,
the reader is cautioned to verify that the data sheet is current before placing orders.
© 2006 Teridian Semiconductor Corporation
6/06 - rev 1.0
6440 Oak Canyon, Irvine, CA 92618-5201
714-508-8800 (Tel)
714-508-8878 (Fax)
PART DESCRIPTION
ORDERING NUMBER
PACKAGE MARKING
71M6403
Electronic Trip Unit, 100-pin LQFP
71M6403-IGT
71M6403-IGT
71M6403
Electronic Trip Unit, 100-pin LQFP, Lead Free
71M6403-IGT/F
71M6403-IGTF



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com