Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STL52DN4LF7AG Datasheet(PDF) 11 Page - STMicroelectronics

Part # STL52DN4LF7AG
Description  Automotive-grade dual N-channel 40 V, 9 mΩ typ., 18 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 DI
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL52DN4LF7AG Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STL52DN4LF7AG Datasheet HTML 7Page - STMicroelectronics STL52DN4LF7AG Datasheet HTML 8Page - STMicroelectronics STL52DN4LF7AG Datasheet HTML 9Page - STMicroelectronics STL52DN4LF7AG Datasheet HTML 10Page - STMicroelectronics STL52DN4LF7AG Datasheet HTML 11Page - STMicroelectronics STL52DN4LF7AG Datasheet HTML 12Page - STMicroelectronics STL52DN4LF7AG Datasheet HTML 13Page - STMicroelectronics STL52DN4LF7AG Datasheet HTML 14Page - STMicroelectronics STL52DN4LF7AG Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
STL52DN4LF7AG
Package information
DocID029278 Rev 4
11/16
Table 8: PowerFLAT™ 5x6 double island WF type R mechanical data
Dim.
mm
Min.
Typ.
Max.
A
0.80
1.00
A1
0.02
0.05
A2
0.25
b
0.30
0.50
C
5.80
6.00
6.10
D
5.00
5.20
5.40
D2
4.15
4.45
D3
4.05
4.20
4.35
D4
4.80
5.00
5.10
D5
0.25
0.40
0.55
D6
0.15
0.30
0.45
D7
1.68
1.98
e
1.27
E
6.20
6.40
6.60
E2
3.50
3.70
E3
2.35
2.55
E4
0.40
0.60
E5
0.08
0.28
E6
0.20
0.325
0.45
E7
0.85
1.00
1.15
E8
0.55
0.75
E9
4.00
4.20
4.40
E10
3.55
3.70
3.85
K
1.275
1.575
L
0.725
0.825
0.925
L1
0.175
0.275
0.375
θ
0°
12°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com