Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS47L85 Datasheet(PDF) 10 Page - Cirrus Logic

Part # CS47L85
Description  Low-Power Smart Codec with Seven DSP Cores, Voice and Media Enhancement, and Integrated Sensor Hub
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L85 Datasheet(HTML) 10 Page - Cirrus Logic

Back Button CS47L85 Datasheet HTML 6Page - Cirrus Logic CS47L85 Datasheet HTML 7Page - Cirrus Logic CS47L85 Datasheet HTML 8Page - Cirrus Logic CS47L85 Datasheet HTML 9Page - Cirrus Logic CS47L85 Datasheet HTML 10Page - Cirrus Logic CS47L85 Datasheet HTML 11Page - Cirrus Logic CS47L85 Datasheet HTML 12Page - Cirrus Logic CS47L85 Datasheet HTML 13Page - Cirrus Logic CS47L85 Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 370 page
background image
CS47L85
10
Rev 4.3
PIN NO
NAME
TYPE
DESCRIPTION
L8
DMICCLK6/
GPIO35
Digital Input / Output
Digital MIC clock output 6 / GPIO35.
GPIO output is selectable CMOS or Open Drain;
DMICCLK output is CMOS.
M8
DMICDAT6/
GPIO36
Digital Input / Output
Digital MIC data input 6 / GPIO36.
GPIO output is selectable CMOS or Open Drain.
G13
FLLVDD
Supply
Analogue supply (FLL1, FLL2)
G9
GPIO1
Digital Input / Output
General Purpose pin GPIO1.
The output configuration is selectable CMOS or Open Drain.
J7
GPIO2
Digital Input / Output
General Purpose pin GPIO2.
The output configuration is selectable CMOS or Open Drain.
J4
GPIO3
Digital Input / Output
General Purpose pin GPIO3.
The output configuration is selectable CMOS or Open Drain.
H7
GPIO4
Digital Input / Output
General Purpose pin GPIO4.
The output configuration is selectable CMOS or Open Drain.
G6
GPIO5
Digital Input / Output
General Purpose pin GPIO5.
The output configuration is selectable CMOS or Open Drain.
N5
GPIO6
Digital Input / Output
General Purpose pin GPIO6.
The output configuration is selectable CMOS or Open Drain.
H6
GPIO7
Digital Input / Output
General Purpose pin GPIO7.
The output configuration is selectable CMOS or Open Drain.
J6
GPIO8
Digital Input / Output
General Purpose pin GPIO8.
The output configuration is selectable CMOS or Open Drain.
D11
GPSWP
Analogue Input / Output
General Purpose bi-directional switch contact
D12
GPSWN
Analogue Input / Output
General Purpose bi-directional switch contact
B13
HPDETL
Analogue Input
Headphone left (HPOUT1L) sense input
B12
HPDETR
Analogue Input
Headphone right (HPOUT1R) sense input
C13
HPOUT1FB1/
MICDET2
Analogue Input
HPOUT1L and HPOUT1R ground feedback pin 1/
Microphone & accessory sense input 2
A13
HPOUT1L
Analogue Output
Left headphone 1 output
A12
HPOUT1R
Analogue Output
Right headphone 1 output
B11
HPOUT2FB
Analogue Input
HPOUT2L and HPOUT2R ground loop noise rejection feedback
A11
HPOUT2L
Analogue Output
Left headphone 2 output
A10
HPOUT2R
Analogue Output
Right headphone 2 output
B9
HPOUT3FB
Analogue Input
HPOUT3L and HPOUT3R ground loop noise rejection feedback
A9
HPOUT3L
Analogue Output
Left headphone 3 output
A8
HPOUT3R
Analogue Output
Right headphone 3 output
C4
IN1ALN/
DMICCLK1
Analogue Input / Digital
Output
Left channel negative differential Mic/Line input /
Digital MIC clock output 1
C3
IN1ALP
Analogue Input
Left channel single-ended Mic/Line input /
Left channel positive differential Mic/Line input
E1
IN1BN
Analogue Input
Negative differential Mic/Line input.
Also suitable for connection to external accessory interfaces.
E2
IN1BP
Analogue Input
Single-ended Mic/Line input /
Positive differential Mic/Line input.
Also suitable for connection to external accessory interfaces.
B1
IN1RN/
DMICDAT1
Analogue input / Digital
Input
Right channel negative differential Mic/Line input /
Digital MIC data input 1
B2
IN1RP
Analogue Input
Right channel single-ended Mic/Line input /
Right channel positive differential Mic/Line input
D4
IN2ALN/
DMICCLK2
Analogue Input / Digital
Output
Left channel negative differential Mic/Line input /
Digital MIC clock output 2
D3
IN2ALP
Analogue Input
Left channel single-ended Mic/Line input /
Left channel positive differential Mic/Line input
C1
IN2ARN/
DMICDAT2
Analogue input / Digital
Input
Right channel negative differential Mic/Line input /
Digital MIC data input 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com