Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

A1004795 Datasheet(PDF) 21 Page - Kyocera Kinseki Corpotation

Part # A1004795
Description  Automotive Broadband FR4 Embedded LTE / LPWA Antenna
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

A1004795 Datasheet(HTML) 21 Page - Kyocera Kinseki Corpotation

Back Button A1004795 Datasheet HTML 14Page - Kyocera Kinseki Corpotation A1004795 Datasheet HTML 15Page - Kyocera Kinseki Corpotation A1004795 Datasheet HTML 16Page - Kyocera Kinseki Corpotation A1004795 Datasheet HTML 17Page - Kyocera Kinseki Corpotation A1004795 Datasheet HTML 18Page - Kyocera Kinseki Corpotation A1004795 Datasheet HTML 19Page - Kyocera Kinseki Corpotation A1004795 Datasheet HTML 20Page - Kyocera Kinseki Corpotation A1004795 Datasheet HTML 21Page - Kyocera Kinseki Corpotation A1004795 Datasheet HTML 22Page - Kyocera Kinseki Corpotation  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
LTE Broadband KYOCERA AVX Automotive Embedded Antenna Specifications.
KYOCERA AVX produces a wide variety of standard and custom antennas to meet user needs.
DATASHEET | Part No. A1004795
© 2022 KYOCERA AVX
tel +(1) 858.550.3820
email: antenna.info@kyocera-avx.com
1 Avx Blvd, Fountain Inn, SC 29644
Appendix 2: Antenna Radiation Patterns
– High Band, Band 7
Typical A1004795 performance 125 x 45 mm PCB
X
Z
Y
TDS-ANT-0095 | Rev 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com