Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WS12P4N3 Datasheet(PDF) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # WS12P4N3
Description  1-Line High Power TVS Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

WS12P4N3 Datasheet(HTML) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  WS12P4N3 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd WS12P4N3 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd WS12P4N3 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd WS12P4N3 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Typical Performance Characteristics (TA=25°C unless otherwise Specified)
10
20
30
40
0
20
40
60
80
100
100% IPP;8μs
50% IPP;20μs
e
-t
t (μs)
IPP (%)
Fig. 1. 8/20 μs pulse waveform according to
IEC 61000-4-5 and IEC 61643-321
0
10%
I@60ns
100%
IPP (%)
tr=0.6ns to 1ns
t
I@30ns
Fig. 2. ESD pulse waveform according to
IEC 61000-4-2
25
50
75
100
0
20
40
60
80
100
120
Ambient Temperature – TA (
)
125 150
Fig. 3. Power Derating Curve
1
2
3
4
500
1000
1500
VR (V)
Cj (pF)
f=1MHz;Tamb=25
0
Fig. 4. Junction Capacitance vs VR
50
100
150
200
5
10
15
20
25
30
VC (V)
IPP-Peak pulse current (A)
Pulse waveform:tp=8/20us
0
Fig. 5. Clamping voltage vs. Peak pulse current
www.leiditech.com
3/4
Rev 2.0 :12.01.2019
WS12P4N3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com