Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STGIB10CH60TS-XZ Datasheet(PDF) 1 Page - STMicroelectronics

Part # STGIB10CH60TS-XZ
Description  SLLIMM - 2nd series IPM, 3-phase inverter, 15 A, 600 V short‑circuit rugged IGBT
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGIB10CH60TS-XZ Datasheet(HTML) 1 Page - STMicroelectronics

  STGIB10CH60TS-XZ Datasheet HTML 1Page - STMicroelectronics STGIB10CH60TS-XZ Datasheet HTML 2Page - STMicroelectronics STGIB10CH60TS-XZ Datasheet HTML 3Page - STMicroelectronics STGIB10CH60TS-XZ Datasheet HTML 4Page - STMicroelectronics STGIB10CH60TS-XZ Datasheet HTML 5Page - STMicroelectronics STGIB10CH60TS-XZ Datasheet HTML 6Page - STMicroelectronics STGIB10CH60TS-XZ Datasheet HTML 7Page - STMicroelectronics STGIB10CH60TS-XZ Datasheet HTML 8Page - STMicroelectronics STGIB10CH60TS-XZ Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
SDIP2B-26L type X
Marking area
26
18
17
1
17
26
18
1
Features
•
IPM 15 A, 600 V, 3-phase IGBT inverter bridge including 2 control ICs for gate
driving and freewheeling diodes
•
3.3 V, 5 V TTL/CMOS inputs with hysteresis
•
Internal bootstrap diode
•
Undervoltage lockout of gate drivers
•
Smart shutdown function
•
Short-circuit protection
•
Shutdown input/fault output
•
Separate open emitter outputs
•
Built-in temperature sensor
•
Comparator for fault protection
•
Short-circuit rugged TFS IGBT
•
Very fast, soft recovery diodes
•
85 kΩ NTC, UL 1434, CA 4 recognized
•
Fully isolated package
•
Isolation rating of 1600 Vrms/min
•
UL recognition: UL 1557, file E81734
•
Embedded TVS to enhance ESD protection
Applications
•
3-phase inverters for motor drives
•
Washing machines
•
Dryer
•
Pumps
•
Air conditioners
•
Sewing machines
Description
This second series of SLLIMM (small low-loss intelligent molded module) provides a
compact, high-performance AC motor drive in a simple, rugged design. It combines
new ST proprietary control ICs (one LS and one HS driver) with an improved short-
circuit rugged trench gate field-stop (TFS) IGBT, making it ideal for motor drives
operating up to 20 kHz in hard-switching circuitries.
Product status link
STGIB10CH60TS-XZ
Product summary
Order code
STGIB10CH60TS-XZ
Marking
GIB10CH60TS-XZ
Package
SDIP2B-26L type X
Packing
Tube
SLLIMM - 2nd series IPM, 3-phase inverter, 15 A, 600 V short
‑circuit rugged IGBT
STGIB10CH60TS-XZ
Datasheet
DS13456 - Rev 3 - November 2021
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STGIB10CH60TS-XZ

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGIB10CH60TS-X STMICROELECTRONICS-STGIB10CH60TS-X Datasheet
2Mb / 24P
SLLIMM - 2nd series IPM, 3-phase inverter, 15 A, 600 V, short‑circuit rugged IGBT
09-Nov-2021
More results

Similar Description - STGIB10CH60TS-XZ

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGIB10CH60S-L STMICROELECTRONICS-STGIB10CH60S-L Datasheet
545Kb / 23P
SLLIMM - 2nd series IPM, 3-phase inverter, 15 A, 600 V short-circuit rugged IGBT
STGIB10CH60TS-E STMICROELECTRONICS-STGIB10CH60TS-E Datasheet
631Kb / 24P
SLLIMM - 2nd series IPM, 3-phase inverter, 15 A, 600 V short-circuit rugged IGBT
08-Nov-2021
STGIB10CH60TS-LZ STMICROELECTRONICS-STGIB10CH60TS-LZ Datasheet
763Kb / 24P
SLLIMM - 2nd series IPM, 3-phase inverter, 15 A, 600 V, short‑circuit rugged IGBT
27-Oct-2021
STGIB20M60TS-L STMICROELECTRONICS-STGIB20M60TS-L Datasheet
731Kb / 24P
SLLIMM - 2nd series IPM, 3-phase inverter, 25 A, 600 V short-circuit rugged IGBT
21-Sep-2021
STGIF10CH60TS-LZ STMICROELECTRONICS-STGIF10CH60TS-LZ Datasheet
920Kb / 24P
SLLIMM - 2nd series IPM, 3-phase inverter, 15 A, 600 V, short-circuit rugged IGBT
16-Feb-2022
STGIF5CH60TS-LZ STMICROELECTRONICS-STGIF5CH60TS-LZ Datasheet
932Kb / 24P
SLLIMM - 2nd series IPM, 3-phase inverter, 8 A, 600 V, short‑circuit rugged IGBT
16-Feb-2022
STGIB10CH60S-XZ STMICROELECTRONICS-STGIB10CH60S-XZ Datasheet
628Kb / 23P
SLLIMM - 2nd series IPM, 3-phase inverter, 15 A, 600 V short-circuit rugged IGBT
15-Nov-2021
STGIB10CH60TS-X STMICROELECTRONICS-STGIB10CH60TS-X Datasheet
2Mb / 24P
SLLIMM - 2nd series IPM, 3-phase inverter, 15 A, 600 V, short‑circuit rugged IGBT
09-Nov-2021
STGIF10CH60S-L STMICROELECTRONICS-STGIF10CH60S-L Datasheet
868Kb / 23P
SLLIMM - 2nd series IPM, 3-phase inverter, 15 A, 600 V, short-circuit rugged IGBT
01-Jun-2021
STGIF10CH60S-LZ STMICROELECTRONICS-STGIF10CH60S-LZ Datasheet
952Kb / 23P
SLLIMM - 2nd series IPM, 3-phase inverter, 15 A, 600 V, short-circuit rugged IGBT
22-Oct-2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com