Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STGIB30M60S-XZ Datasheet(PDF) 12 Page - STMicroelectronics

Part # STGIB30M60S-XZ
Description  SLLIMM - 2nd series IPM, 3-phase inverter, 35 A, 600 V short-circuit rugged IGBT
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGIB30M60S-XZ Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STGIB30M60S-XZ Datasheet HTML 8Page - STMicroelectronics STGIB30M60S-XZ Datasheet HTML 9Page - STMicroelectronics STGIB30M60S-XZ Datasheet HTML 10Page - STMicroelectronics STGIB30M60S-XZ Datasheet HTML 11Page - STMicroelectronics STGIB30M60S-XZ Datasheet HTML 12Page - STMicroelectronics STGIB30M60S-XZ Datasheet HTML 13Page - STMicroelectronics STGIB30M60S-XZ Datasheet HTML 14Page - STMicroelectronics STGIB30M60S-XZ Datasheet HTML 15Page - STMicroelectronics STGIB30M60S-XZ Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
4.1
Smart shutdown function
The device integrates a comparator committed to the fault sensing function. The comparator input can be
connected to an external shunt resistor in order to implement a simple overcurrent detection function.
The output signal of the comparator is fed to an integrated MOSFET with the open drain output available on the
SD input. When the comparator triggers, the device is set in shutdown state and its outputs are all set to low level.
Figure 6. Smart shutdown timing waveforms in case of overcurrent event
LIN
LVG
SD
open-drain gate
(internal)
comp
Vref
CIN
PROTECTION
Fast shutdown:
the driver outputs are set in SD state
immediately after comparator triggering
even if the SD signal has not yet reached
the lower input threshold
real disable time
t
OC
t2
t1
SD
FROM / TO
CONTROLLER
VBIAS
SMART
SD
LOGIC
CSD
RSD
R ON_OD
R PD_SD
SHUTDOWN CIRCUIT
where:
l
t CIN_SD
t1
t2
RON_OD = VOD/5 mA, see Table 10. Sense comparator (VCC = 15 V, unless otherwise is specified);
RPD_SD (typ.) = 5 V/ISDh
STGIB30M60S-XZ
Smart shutdown function
DS13487 - Rev 2
page 12/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com