Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STGIB30M60TS-L Datasheet(PDF) 16 Page - STMicroelectronics

Part # STGIB30M60TS-L
Description  SLLIMM - 2nd series IPM, 3-phase inverter, 35 A, 600 V short-circuit rugged IGBT
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGIB30M60TS-L Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STGIB30M60TS-L Datasheet HTML 12Page - STMicroelectronics STGIB30M60TS-L Datasheet HTML 13Page - STMicroelectronics STGIB30M60TS-L Datasheet HTML 14Page - STMicroelectronics STGIB30M60TS-L Datasheet HTML 15Page - STMicroelectronics STGIB30M60TS-L Datasheet HTML 16Page - STMicroelectronics STGIB30M60TS-L Datasheet HTML 17Page - STMicroelectronics STGIB30M60TS-L Datasheet HTML 18Page - STMicroelectronics STGIB30M60TS-L Datasheet HTML 19Page - STMicroelectronics STGIB30M60TS-L Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
6
Application circuit example
Figure 10. Application circuit example
MICROCONTROLLER
Application designers are free to use a different scheme according to the device specifications.
STGIB30M60TS-L
Application circuit example
DS11296 - Rev 8
page 16/24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com