Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STGIB30M60TS-LZ Datasheet(PDF) 14 Page - STMicroelectronics

Part # STGIB30M60TS-LZ
Description  SLLIMM - 2nd series IPM, 3-phase inverter, 35 A, 600 V short-circuit rugged IGBT
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGIB30M60TS-LZ Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STGIB30M60TS-LZ Datasheet HTML 10Page - STMicroelectronics STGIB30M60TS-LZ Datasheet HTML 11Page - STMicroelectronics STGIB30M60TS-LZ Datasheet HTML 12Page - STMicroelectronics STGIB30M60TS-LZ Datasheet HTML 13Page - STMicroelectronics STGIB30M60TS-LZ Datasheet HTML 14Page - STMicroelectronics STGIB30M60TS-LZ Datasheet HTML 15Page - STMicroelectronics STGIB30M60TS-LZ Datasheet HTML 16Page - STMicroelectronics STGIB30M60TS-LZ Datasheet HTML 17Page - STMicroelectronics STGIB30M60TS-LZ Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
5
Temperature monitoring solutions
5.1
TSO output
The device integrates a temperature sensor. A voltage proportional to the die temperature is available on the TSO
pin. When this function is not used, the pin can be left floating.
Figure 7. VTSO output characteristics vs LVIC temperature
IGBT110820161234TSO
2.8
2.2
1.6
1.0
0.4
0
25
50
75
100
VTSO
(V)
T (°C)
Min
Max
Typ
5.2
NTC thermistor
Table 12. NTC thermistor
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
R25
Resistance
T = 25 °C
85
kΩ
R125
Resistance
T = 125 °C
2.6
kΩ
B
B-constant
T = 25 to 100 °C
4092
K
T
Operating temperature range
-40
125
°C
STGIB30M60TS-LZ
Temperature monitoring solutions
DS13455 - Rev 2
page 14/24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com