Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EMIF06-HMC01F3 Datasheet(PDF) 3 Page - STMicroelectronics

Part # EMIF06-HMC01F3
Description  6 LINES EMI FILTER INCLUDING ESD PROTECTION
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF06-HMC01F3 Datasheet(HTML) 3 Page - STMicroelectronics

  EMIF06-HMC01F3 Datasheet HTML 1Page - STMicroelectronics EMIF06-HMC01F3 Datasheet HTML 2Page - STMicroelectronics EMIF06-HMC01F3 Datasheet HTML 3Page - STMicroelectronics EMIF06-HMC01F3 Datasheet HTML 4Page - STMicroelectronics EMIF06-HMC01F3 Datasheet HTML 5Page - STMicroelectronics EMIF06-HMC01F3 Datasheet HTML 6Page - STMicroelectronics EMIF06-HMC01F3 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
EMIF06-HMC01F2
3/7
Figure 3: S21 (dB) attenuation measurement
Figure 4: Analog crosstalk measurement
Figure 5: ESD response to IEC61000-4-2
(+15kV air discharge) on one input V(in) and on
one output (Vout)
Figure 6: ESD response to IEC61000-4-2 (-15kV
air discharge) on one input V(in) and on one
output (Vout)
Figure 7: Junction capacitance versus reverse
voltage applied (typical values)
100.0k
1.0M
10.0M
100.0M
1.0G
- 50.00
- 40.00
- 30.00
- 20.00
- 10.00
0.00
dB
f/Hz
100.0k
1.0M
10.0M
100.0M
1.0G
- 80.00
- 70.00
- 60.00
- 50.00
- 40.00
- 30.00
- 20.00
- 10.00
0.00
dB
f/Hz
200ns/d
Input
10V/d
Output
10V/d
Input
10V/d
Output
10V/d
200ns/d
0
2
4
6
8
10
12
14
16
01
2
3
4
5
C
(pF)
LINE
V
(V)
LINE
Vosc=30mV
F=1MHz
Ta=25 °C
Vosc=30mV
F=1MHz
Ta=25 °C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com