Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STGIPQ5C60T-HLS Datasheet(PDF) 20 Page - STMicroelectronics

Part # STGIPQ5C60T-HLS
Description  SLLIMM™ nano - 2nd series IPM, 3-phase inverter, 5 A, 600 V, short‑circuit rugged IGBTs
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGIPQ5C60T-HLS Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STGIPQ5C60T-HLS Datasheet HTML 16Page - STMicroelectronics STGIPQ5C60T-HLS Datasheet HTML 17Page - STMicroelectronics STGIPQ5C60T-HLS Datasheet HTML 18Page - STMicroelectronics STGIPQ5C60T-HLS Datasheet HTML 19Page - STMicroelectronics STGIPQ5C60T-HLS Datasheet HTML 20Page - STMicroelectronics STGIPQ5C60T-HLS Datasheet HTML 21Page - STMicroelectronics STGIPQ5C60T-HLS Datasheet HTML 22Page - STMicroelectronics STGIPQ5C60T-HLS Datasheet HTML 23Page - STMicroelectronics STGIPQ5C60T-HLS Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
7
Package information
In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK®
packages, depending on their level of environmental compliance. ECOPACK® specifications, grade definitions
and product status are available at: www.st.com. ECOPACK® is an ST trademark.
7.1
N2DIP-26L type L no stand-off package information
Figure 20. N2DIP-26L type L no stand-off package outline
8558322_3_typeL_NO_stand_off
STGIPQ5C60T-HLS, STGIPQ5C60T-HZS
Package information
DS11420 - Rev 5
page 20/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com