Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STP26N60M2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP26N60M2
Description  N-channel 600 V, 0.14 Ω typ., 20 A MDmesh™ M2 Power MOSFETs in TO-220 and TO-247 packages
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP26N60M2 Datasheet(HTML) 1 Page - STMicroelectronics

  STP26N60M2 Datasheet HTML 1Page - STMicroelectronics STP26N60M2 Datasheet HTML 2Page - STMicroelectronics STP26N60M2 Datasheet HTML 3Page - STMicroelectronics STP26N60M2 Datasheet HTML 4Page - STMicroelectronics STP26N60M2 Datasheet HTML 5Page - STMicroelectronics STP26N60M2 Datasheet HTML 6Page - STMicroelectronics STP26N60M2 Datasheet HTML 7Page - STMicroelectronics STP26N60M2 Datasheet HTML 8Page - STMicroelectronics STP26N60M2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
March 2017
DocID028178 Rev 2
1/16
This is information on a product in full production.
www.st.com
STP26N60M2, STW26N60M2
N-channel 600
V, 0.14 Ω typ., 20 A MDmesh™ M2
Power MOSFETs in TO-220 and TO-247 packages
Datasheet - production data
Figure 1: Internal schematic diagram
Features
Order code
VDS @
TJmax
RDS(on)
max.
ID
PTOT
STP26N60M2
650 V
0.165 Ω
20 A
169 W
STW26N60M2
Extremely low gate charge
Excellent output capacitance (COSS) profile
100% avalanche tested
Zener-protected
Applications
Switching applications
Description
These devices are N-channel Power MOSFETs
developed using MDmesh™ M2 technology.
Thanks to their strip layout and improved vertical
structure, these devices exhibit low on-resistance
and optimized switching characteristics,
rendering them suitable for the most demanding
high efficiency converters.
Table 1: Device summary
Order code
Marking
Package
Packing
STP26N60M2
26N60M2
TO-220
Tube
STW26N60M2
TO-247
1
2
3
TO-247
1
2
3
TAB
TO-220


Similar Part No. - STP26N60M2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP26N60DM6 STMICROELECTRONICS-STP26N60DM6 Datasheet
278Kb / 12P
N-channel 600 V, 165 mΩ typ., 18 A, MDmesh DM6 Power MOSFET in a TO‑220 package
10-Sep-2020
More results

Similar Description - STP26N60M2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STF26N60M2 STMICROELECTRONICS-STF26N60M2 Datasheet
434Kb / 15P
N-channel 600 V, 0.14 Ω typ., 20 A MDmesh™ M2 Power MOSFETs in TO-220FP and I²PAKFP packages
July 2015 Rev 2
STB42N60M2-EP STMICROELECTRONICS-STB42N60M2-EP Datasheet
393Kb / 20P
N-channel 600 V, 0.076 Ω typ., 34 A MDmesh™ M2 EP Power MOSFETs in D²PAK, TO-220 and TO-247 packages
20-Jan-2015
STP13N65M2 STMICROELECTRONICS-STP13N65M2 Datasheet
551Kb / 16P
N-channel 650 V, 0.37 Ω typ.,10 A MDmesh™ M2 Power MOSFETs in TO-220 and IPAK packages
December 2014 Rev 1
STP16N65M2 STMICROELECTRONICS-STP16N65M2 Datasheet
824Kb / 16P
N-channel 650 V, 0.32 Ω typ., 11 A MDmesh M2 Power MOSFETs in TO-220 and IPAK packages
October 2014 Rev 1
STP45N60DM6 STMICROELECTRONICS-STP45N60DM6 Datasheet
331Kb / 15P
N-channel 600 V, 0.085 Ω typ., 30 A MDmesh DM6 Power MOSFETs in TO-220 and TO-247 packages
July 2020
STW57N65M5 STMICROELECTRONICS-STW57N65M5_V01 Datasheet
1,021Kb / 17P
N-channel 650 V, 0.056 Ω typ., 42 A MDmesh™ V Power MOSFETs in TO-247 and TO-247 long leads packages
13-Dec-2013
STB18N60M2 STMICROELECTRONICS-STB18N60M2_V01 Datasheet
861Kb / 27P
N-channel 600 V, 0.255 Ω typ., 13 A MDmesh M2 Power MOSFETs in D2PAK,I2PAK, TO-220 and TO-247 packages
06-Nov-2018
STF40N60M2 STMICROELECTRONICS-STF40N60M2_V01 Datasheet
886Kb / 18P
N-channel 600 V, 0.078 Ω typ., 34 A MDmesh M2 Power MOSFETs in TO-220FP, I2PAKFP and TO-3PF packages
28-Sep-2016
STP9N80K5 STMICROELECTRONICS-STP9N80K5 Datasheet
795Kb / 16P
N-channel 800 V, 0.73 Ω typ., 7 A MDmesh™ K5 Power MOSFETs in a TO-220 and TO-247 packages
26-Jul-2016
STW20N60M2-EP STMICROELECTRONICS-STW20N60M2-EP Datasheet
275Kb / 14P
N-channel 600 V, 0.230 Ω typ., 13 A MDmesh™ M2 EP Power MOSFET in a TO-247 package
04-Jun-2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com