Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STW36N60M6 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STW36N60M6
Description  N-channel 600 V, 85 m typ., 30 A MDmesh™ M6 Power MOSFETs in TO-220 and TO-247 packages
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW36N60M6 Datasheet(HTML) 4 Page - STMicroelectronics

  STW36N60M6 Datasheet HTML 1Page - STMicroelectronics STW36N60M6 Datasheet HTML 2Page - STMicroelectronics STW36N60M6 Datasheet HTML 3Page - STMicroelectronics STW36N60M6 Datasheet HTML 4Page - STMicroelectronics STW36N60M6 Datasheet HTML 5Page - STMicroelectronics STW36N60M6 Datasheet HTML 6Page - STMicroelectronics STW36N60M6 Datasheet HTML 7Page - STMicroelectronics STW36N60M6 Datasheet HTML 8Page - STMicroelectronics STW36N60M6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Electrical characteristics
STP36N60M6, STW36N60M6
4/16
DocID028429 Rev 3
2
Electrical characteristics
TC = 25 °C unless otherwise specified
Table 5: On/off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source breakdown
voltage
VGS = 0 V, ID = 1 mA
600
V
IDSS
Zero gate voltage drain
current
VGS = 0 V, VDS = 600 V
1
µA
VGS = 0 V, VDS = 600 V,
TC = 125 °C(1)
100
µA
IGSS
Gate-body leakage current
VDS = 0 V, VGS = ±25 V
±5
µA
VGS(th)
Gate threshold voltage
VDS = VGS, ID = 250 µA
3.25
4
4.75
V
RDS(on)
Static drain-source
on-resistance
VGS = 10 V, ID = 15 A
85
99
mΩ
Notes:
(1)Defined by design, not subject to production test.
Table 6: Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Ciss
Input capacitance
VDS= 100 V, f = 1 MHz,
VGS = 0 V
-
1960
-
pF
Coss
Output capacitance
-
93
-
pF
Crss
Reverse transfer
capacitance
-
6
-
pF
Coss eq.(1)
Equivalent output
capacitance
VDS = 0 to 480 V, VGS = 0 V
-
332
-
pF
RG
Intrinsic gate resistance
f = 1 MHz, ID = 0 A
-
1.6
-
Ω
Qg
Total gate charge
VDD = 480 V, ID = 30 A,
VGS = 0 to 10 V
(see Figure 17: "Test circuit for
gate charge behavior")
-
44.3
-
nC
Qgs
Gate-source charge
-
10.1
-
nC
Qgd
Gate-drain charge
-
25
-
nC
Notes:
(1)Coss eq. is defined as a constant equivalent capacitance giving the same charging time as Coss when VDS
increases from 0 to 80% VDSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com