Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STW26N65DM2 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STW26N65DM2
Description  N-channel 650 V, 0.156 typ., 20 A, MDmesh™ DM2 Power MOSFET in a TO-247 package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW26N65DM2 Datasheet(HTML) 5 Page - STMicroelectronics

  STW26N65DM2 Datasheet HTML 1Page - STMicroelectronics STW26N65DM2 Datasheet HTML 2Page - STMicroelectronics STW26N65DM2 Datasheet HTML 3Page - STMicroelectronics STW26N65DM2 Datasheet HTML 4Page - STMicroelectronics STW26N65DM2 Datasheet HTML 5Page - STMicroelectronics STW26N65DM2 Datasheet HTML 6Page - STMicroelectronics STW26N65DM2 Datasheet HTML 7Page - STMicroelectronics STW26N65DM2 Datasheet HTML 8Page - STMicroelectronics STW26N65DM2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
2.1
Electrical characteristics (curves)
Figure 1. Safe operating area
GADG120620181043SOA
10 2
10 1
10 0
10 -1
10 -1
10 0
10 1
10 2
10 3
ID
(A)
VDS (V)
tp =10 µs
tp =100 µs
tp =1 ms
tp =10 ms
Single pulse,
TC = 25 °C, TJ ≤ 150 °C
Operation in this area
is limited by RDS(on)
tp = 1 μs
Figure 2. Thermal impedance
Figure 3. Output characteristics
GIPG201220170957OCH
50
40
30
20
10
0
0
5
10
15
20
ID
(A)
VDS (V)
VGS = 5 V
VGS = 6 V
VGS = 7 V
VGS = 8, 9, 10 V
Figure 4. Transfer characteristics
GIPG201220170957TCH
50
40
30
20
10
0
3
4
5
6
7
8
ID
(A)
VGS (V)
VDS = 20 V
Figure 5. Gate charge vs gate-source voltage
GIPG201220170958QVG
12
10
8
6
4
2
0
600
500
400
300
200
100
0
0
6
12
18
24
30
36
VGS
(V)
VDS
(V)
Qg (nC)
VDD = 520 V
ID = 20 A
VDS
Figure 6. Static drain-source on-resistance
GIPG201220170955RID
0.168
0.164
0.160
0.156
0.152
0.148
0.144
0
4
8
12
16
20
RDS(on)
(Ω)
ID (A)
VGS =10 V
STW26N65DM2
Electrical characteristics (curves)
DS12622 - Rev 1
page 5/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com