Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STWA70N60DM2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STWA70N60DM2
Description  N-channel 600 V, 0.037 typ., 66 A MDmesh™ DM2 Power MOSFET in a TO-247 long leads package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWA70N60DM2 Datasheet(HTML) 1 Page - STMicroelectronics

  STWA70N60DM2 Datasheet HTML 1Page - STMicroelectronics STWA70N60DM2 Datasheet HTML 2Page - STMicroelectronics STWA70N60DM2 Datasheet HTML 3Page - STMicroelectronics STWA70N60DM2 Datasheet HTML 4Page - STMicroelectronics STWA70N60DM2 Datasheet HTML 5Page - STMicroelectronics STWA70N60DM2 Datasheet HTML 6Page - STMicroelectronics STWA70N60DM2 Datasheet HTML 7Page - STMicroelectronics STWA70N60DM2 Datasheet HTML 8Page - STMicroelectronics STWA70N60DM2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
July 2015
DocID027892 Rev 2
1/12
This is information on a product in full production.
www.st.com
STWA70N60DM2
N-
channel 600 V, 0.037 Ω typ., 66 A MDmesh™ DM2
Power MOSFET in a TO-247 long leads package
Datasheet - production data
Figure 1: Internal schematic diagram
Features
Order code
VDS
RDS(on)
max.
ID
PTOT
STWA70N60DM2
600 V
0.042 Ω
66 A
446 W
Fast-recovery body diode
Extremely low gate charge and input
capacitance
Low on-resistance
100% avalanche tested
Extremely high dv/dt ruggedness
Zener-protected
Applications
Switching applications
Description
This high voltage N-channel Power MOSFET is
part of the MDmesh™ DM2 fast recovery diode
series. It offers very low recovery charge (Qrr)
and time (trr) combined with low RDS(on), rendering
it suitable for the most demanding high efficiency
converters and ideal for bridge topologies and
ZVS phase-shift converters.
Table 1: Device summary
Order code
Marking
Package
Packing
STWA70N60DM2
70N60DM2
TO-247 long leads
Tube
1
2
3
TO-247 long leads


Similar Part No. - STWA70N60DM2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STWA70N60DM6 STMICROELECTRONICS-STWA70N60DM6 Datasheet
347Kb / 14P
N-channel 600 V, 36 mΩ typ., 62 A, MDmesh DM6 Power MOSFETs in TO-247 and TO-247 long leads packages
June 2020
More results

Similar Description - STWA70N60DM2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW43N60DM2 STMICROELECTRONICS-STW43N60DM2 Datasheet
405Kb / 12P
N-channel 600 V, 0.085 Ω typ., 34 A MDmesh™ DM2 Power MOSFET in a TO-247 package
July 2015 Rev 2
STW48N60DM2 STMICROELECTRONICS-STW48N60DM2 Datasheet
723Kb / 12P
N-channel 600 V, 0.065 Ω typ., 40 A MDmesh™ DM2 Power MOSFET in a TO-247 package
29-Oct-2015
STW56N60DM2 STMICROELECTRONICS-STW56N60DM2 Datasheet
405Kb / 12P
N-channel 600 V, 0.052 Ω typ., 50 A MDmesh™ DM2 Power MOSFET in a TO-247 package
15-Jun-2015
STWA48N60DM2 STMICROELECTRONICS-STWA48N60DM2 Datasheet
728Kb / 12P
N-channel 600 V, 0.065 Ω typ., 40 A MDmesh™ DM2 Power MOSFET in a TO-247 long leads package
December 2016
STWA63N65DM2 STMICROELECTRONICS-STWA63N65DM2 Datasheet
329Kb / 12P
N-channel 650 V, 0.042 typ., 60 A MDmesh™ DM2 Power MOSFET in a TO-247 long leads package
April 2018 Rev 1
STWA65N65DM2AG STMICROELECTRONICS-STWA65N65DM2AG Datasheet
324Kb / 12P
Automotive-grade N-channel 650 V, 42 m typ., 60 A MDmesh DM2 Power MOSFET in a TO-247 long leads package
25-May-2020
STWA67N60DM6 STMICROELECTRONICS-STWA67N60DM6 Datasheet
274Kb / 12P
N-channel 600 V, 45 m typ., 58 A MDmesh DM6 Power MOSFET in a TO‑247 long leads package
04-Jun-2021
STWA67N60M6 STMICROELECTRONICS-STWA67N60M6 Datasheet
1Mb / 12P
N-channel 600 V, 45 m typ., 52 A MDmesh M6 Power MOSFET in a TO-247 long leads package
18-Dec-2019
STWA72N60DM2AG STMICROELECTRONICS-STWA72N60DM2AG Datasheet
311Kb / 13P
Automotive-grade N-channel 600 V, 37 mΩ typ., 66 A, MDmesh™ DM2 Power MOSFET in a TO-247 long leads package
07-Aug-2018
STWA40N60M2 STMICROELECTRONICS-STWA40N60M2 Datasheet
350Kb / 12P
N-channel 600 V, 78 mΩ typ., 34 A MDmesh M2 Power MOSFET in a TO-247 long leads package
27-Oct-2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com