Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

B27C Datasheet(PDF) 1 Page - DB Lectro Inc

Part # B27C
Description  FEMALE HEADER PROFILE : 7.0mm SMT TYPE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

B27C Datasheet(HTML) 1 Page - DB Lectro Inc

  B27C Datasheet HTML 1Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DB LECTRO Inc.
DB LECTRO Inc. 3600 boul. Matte suite i Brossard Qc J4Y-2Z2 tel:(450)-444-1424 fax:(450)-444-4714


Similar Part No. - B27C

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
B27 DBLECTRO-B27 Datasheet
208Kb / 1P
FEMALE HEADER PROFILE : 6.4mm SMT TYPE
logo
PowerDynamics, Inc
B27 POWERDYNAMICS-B27 Datasheet
42Kb / 1P
4 CELL AA (R6) BATTERY HOLDER, PANEL MOUNT, SOLDER TERMINALS
logo
Diodes Incorporated
B270 DIODES-B270 Datasheet
44Kb / 2P
2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30021 Rev. A-2
B270 DIODES-B270 Datasheet
265Kb / 3P
2.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30021 Rev. 6 - 2
B270 DIODES-B270 Datasheet
110Kb / 4P
2.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30021 Rev. 10 - 2
More results

Similar Description - B27C

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
B13B DBLECTRO-B13B Datasheet
236Kb / 1P
FEMALE HEADER PROFILE : 4.5mm SMT TYPE
B26 DBLECTRO-B26 Datasheet
240Kb / 1P
FEMALE HEADER PROFILE : 7.0mm STRAIGHT
B27 DBLECTRO-B27 Datasheet
208Kb / 1P
FEMALE HEADER PROFILE : 6.4mm SMT TYPE
B33 DBLECTRO-B33 Datasheet
245Kb / 1P
FEMALE HEADER PROFILE : 6.4mm SMT TYPE
B34 DBLECTRO-B34 Datasheet
233Kb / 1P
FEMALE HEADER PROFILE : 2.1mm SMT TYPE
logo
Dubilier
DBCIDCB27CD20BS1 DUBILIER-DBCIDCB27CD20BS1 Datasheet
103Kb / 1P
FEMALE HEADER FEMALE HEADER SMT - 7.0MM
logo
Adam Technologies, Inc.
HFH-XX-G-SMT-PP-NK-NP ADAM-TECH-HFH-XX-G-SMT-PP-NK-NP Datasheet
81Kb / 1P
FEMALE HEADER SMT TYPE
HFH-XX-SG-SMT-NP-BL ADAM-TECH-HFH-XX-SG-SMT-NP-BL Datasheet
91Kb / 1P
FEMALE HEADER SMT TYPE
HFH-XX-SG-SMT-TR ADAM-TECH-HFH-XX-SG-SMT-TR Datasheet
122Kb / 1P
FEMALE HEADER SMT TYPE
HFH-XX-T-SMT-P ADAM-TECH-HFH-XX-T-SMT-P Datasheet
118Kb / 1P
FEMALE HEADER SMT TYPE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com