Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2SC2120 Datasheet(PDF) 27 Page - Toshiba Semiconductor

Part # 2SC2120
Description  COLOR TELEVISION N1PS Chassis
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC2120 Datasheet(HTML) 27 Page - Toshiba Semiconductor

Back Button 2SC2120 Datasheet HTML 23Page - Toshiba Semiconductor 2SC2120 Datasheet HTML 24Page - Toshiba Semiconductor 2SC2120 Datasheet HTML 25Page - Toshiba Semiconductor 2SC2120 Datasheet HTML 26Page - Toshiba Semiconductor 2SC2120 Datasheet HTML 27Page - Toshiba Semiconductor 2SC2120 Datasheet HTML 28Page - Toshiba Semiconductor 2SC2120 Datasheet HTML 29Page - Toshiba Semiconductor 2SC2120 Datasheet HTML 30Page - Toshiba Semiconductor 2SC2120 Datasheet HTML 31Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 54 page
background image
– 27 –
Location
Location
Location
Location
Location
Parts No.
Parts No.
Parts No.
Parts No.
Parts No.
Description
Description
Description
Description
Description
No.
No.
No.
No.
No.
Location
Location
Location
Location
Location
Parts No.
Parts No.
Parts No.
Parts No.
Parts No.
Description
Description
Description
Description
Description
No.
No.
No.
No.
No.
R561
24552271
OXIDE METAL FILM, 1/2W 270 OHM J
R562
24011103
CHIP, METAL FILM, 1/20W 10K OHM J
R563
24011102
CHIP, METAL FILM, 1/20W 1K OHM J
R564
24011102
CHIP, METAL FILM, 1/20W 1K OHM J
R565
24011102
CHIP, METAL FILM, 1/20W 1K OHM J
R566
24011101
CHIP, METAL FILM, 1/20W 100 OHM J
R567
24011102
CHIP, METAL FILM, 1/20W 1K OHM J
R568
24011101
CHIP, METAL FILM, 1/20W 100 OHM J
R571
24011101
CHIP, METAL FILM, 1/20W 100 OHM J
R572
24000445
CHIP JUMPER, 1608TYPE
R573
24000445
CHIP JUMPER, 1608TYPE
R610
24871222
CHIP, METAL FILM, 1/8W 2.2K OHM J
R611
24871222
CHIP, METAL FILM, 1/8W 2.2K OHM J
R612
24011103
CHIP, METAL FILM, 1/20W 10K OHM J
R613
24871222
CHIP, METAL FILM, 1/8W 2.2K OHM J
R661
24011103
CHIP, METAL FILM, 1/20W 10K OHM J
R662
24011103
CHIP, METAL FILM, 1/20W 10K OHM J
R663
24011272
METAL FILM CHIP 1/20W 2.7K J
R664
24011272
METAL FILM CHIP 1/20W 2.7K J
R666
24011102
CHIP, METAL FILM, 1/20W 1K OHM J
R667
24011822
METAL FILM CHIP 1/20W 8.2K J
R668
24011223
METAL FILM CHIP 1/20W 22K J
R669
24011223
METAL FILM CHIP 1/20W 22K J
R676
24366229
CARBON FILM, 1/6W 2.2 OHM J
R677
24366229
CARBON FILM, 1/6W 2.2 OHM J
R680
24011473
METAL FILM CHIP 1/20W 47K J
R681
24011103
CHIP, METAL FILM, 1/20W 10K OHM J
R682
24011104
CHIP, METAL FILM, 1/20W 100K OHM J
R683
24011333
METAL FILM CHIP 1/20W 33K J
R686
24366229
CARBON FILM, 1/6W 2.2 OHM J
R693
24011102
CHIP, METAL FILM, 1/20W 1K OHM J
R698
24011102
CHIP, METAL FILM, 1/20W 1K OHM J
R699
24011103
CHIP, METAL FILM, 1/20W 10K OHM J
R702
24552221
OXIDE METAL FILM, 1/2W 220 OHM J
R709
24366563
CARBON FILM, 1/6W 56K OHM J
R713
24366393
CARBON FILM, 1/6W 39K OHM J
R715
24366273
CARBON FILM, 1/6W 27K OHM J
R716
24366273
CARBON FILM, 1/6W 27K OHM J
R717
24366333
CARBON FILM, 1/6W 33K OHM J
R718
24366222
CARBON FILM, 1/6W 2.2K OHM J
R719
24366101
CARBON FILM, 1/6W 100 OHM J
R720
24366102
CARBON FILM, 1/6W 1K OHM J
R721
24366101
CARBON FILM, 1/6W 100 OHM J
R722
24552471
OXIDE METAL FILM, 1/2W 470 OHM J
R723
24366101
CARBON FILM, 1/6W 100 OHM J
R724
24366151
CARBON FILM, 1/6W 150 OHM J
R725
24366182
CARBON FILM, 1/6W 1.8K OHM J
R730
24552100
OXIDE METAL FILM, 1/2W 10 OHM J
R731
24552331
OXIDE METAL FILM, 1/2W 330 OHM J
R732
24366330
CARBON FILM, 1/6W 33 OHM J
R733
24366683
CARBON FILM, 1/6W 68K OHM J
R734
24366330
CARBON FILM, 1/6W 33 OHM J
R735
24366683
CARBON FILM, 1/6W 68K OHM J
R736
24553470
METAL OXIDE FILM B 1W 47 J
R737
24366681
CARBON FILM, 1/6W 680 OHM J
R738
24366102
CARBON FILM, 1/6W 1K OHM J
R739
24366681
CARBON FILM, 1/6W 680 OHM J
R740
24553470
METAL OXIDE FILM B 1W 47 J
R741
24322229
METAL FILM 1W 2R2 J
R742
24322229
METAL FILM 1W 2R2 J
R743
24554181
OXIDE FILM 2W 180 J
R744
24366122
CARBON FILM, 1/6W 1.2K OHM J
R745
24366122
CARBON FILM, 1/6W 1.2K OHM J
R808
24019477
THERMISTOR, PTC THERMISTOR AC140V
1R5 M
R810
24045007
CEMENT RES G 20W 1R2J
R818
24366102
CARBON FILM, 1/6W 1K OHM J
R819
24366103
CARBON FILM, 1/6W 10K OHM J
R834
24366102
CARBON FILM, 1/6W 1K OHM J
R835
24366820
CARBON FILM, 1/6W 82 OHM J
R847
24011471
METAL FILM CHIP 1/20W 470 J
R848
24011820
METAL FILM CHIP 1/20W 82 J
R849
24011331
METAL FILM CHIP 1/20W 330 J
R861
24382153
OXIDE FILM 1W 15K J
R862
24552330
OXIDE METAL FILM, 1/2W 33 OHM J
R864
24552102
OXIDE METAL FILM, 1/2W 1K OHM J
R865
24552221
OXIDE METAL FILM, 1/2W 220 OHM J
R867
24000639
METAL FILM, 1/4W 22K OHM F
R868
24552560
OXIDE METAL FILM, 1/2W 56 OHM J
R870
24381151
OXIDE FILM 1/2W 150 J
R871
24381101
OXIDE FILM 1/2W 100 J
R872
24382563
OXIDE FILM 1W 56K J
R883
24381682
OXIDE METAL FILM, 1/2W 6.8K OHM J
R884
24366102
CARBON FILM, 1/6W 1K OHM J
R891
24366152
CARBON FILM, 1/6W 1.5K OHM J
R899
24002000
CARBON COMPOSITION GE 1/2W 3R9M K
R901
24946561
CARBON COMPOSITION GF 1/2W 560 K
R902
24946561
CARBON COMPOSITION GF 1/2W 560 K
R903
24946561
CARBON COMPOSITION GF 1/2W 560 K
R904
24366472
CARBON FILM, 1/6W 4.7K OHM J
R905
24366150
CARBON FILM, 1/6W 15 OHM J
R906
24366103
CARBON FILM, 1/6W 10K OHM J
R912
24366102
CARBON FILM, 1/6W 1K OHM J
R914
24366151
CARBON FILM, 1/6W 150 OHM J
R915
24366470
CARBON FILM, 1/6W 47 OHM J
R916
24366150
CARBON FILM, 1/6W 15 OHM J
R917
24366431
CARBON FILM, 1/6W 430 OHM J
R918
24366240
CARBON FILM, 1/6W 24 OHM J
R919
24366102
CARBON FILM, 1/6W 1K OHM J
R920
24339159
METAL FILM 2W 1R5 J (36HFX71)
R920
24000879
FRN98Z3D519 (32HFX71)
R921
24366151
CARBON FILM, 1/6W 150 OHM J
R922
24366470
CARBON FILM, 1/6W 47 OHM J
R924
24366220
CARBON FILM, 1/6W 22 OHM J
R925
24366431
CARBON FILM, 1/6W 430 OHM J
R926
24366102
CARBON FILM, 1/6W 1K OHM J
R928
24366151
CARBON FILM, 1/6W 150 OHM J
R929
24366470
CARBON FILM, 1/6W 47 OHM J
R930
24366180
CARBON RES G 1/6W 180J
R932
24366332
CARBON F1LM, 1/6W 3.3K OHM J
R933
24366750
CARBON FILM, 1/6W 75 OHM J
R934
24366391
CARBON FILM, 1/6W 390 OHM J
R935
24366122
CARBON FILM, 1/6W 1.2K OHM J
R936
24366750
CARBON FILM, 1/6W 75 OHM J
R937
24366431
CARBON FILM, 1/6W 430 OHM J
R939
24366470
CARBON FILM, 1/6W 47 OHM J
R942
24366392
CARBON FILM, 1/6W 3.9K OHM J
R943
24366392
CARBON FILM, 1/6W 3.9K OHM J
R944
24366392
CARBON FILM, 1/6W 3.9K OHM J
R945
24366150
CARBON FILM, 1/6W 15 OHM J
R946
24366150
CARBON FILM, 1/6W 15 OHM J
R947
24366391
CARBON FILM, 1/6W 390 OHM J
R948
24366822
CARBON FILM, 1/6W 8.2K OHM J
R949
24366471
CARBON F1LM, 1/6W 470 OHM J
R952
24366622
CARBON FILM, 1/6W 6.2K OHM J
R953
24366622
CARBON FILM, 1/6W 6.2K OHM J
R954
24366622
CARBON FILM, 1/6W 6.2K OHM J
R960
24383153
OXIDE METAL FILM, 2W 15K OHM J
R961
24383153
OXIDE METAL FILM, 2W 15K OHM J
R962
24383153
OXIDE METAL FILM, 2W 15K OHM J



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com