Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ICS9FG107YGLNT Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # ICS9FG107YGLNT
Description  Programmable FTG for Differential CPU, PCI Express & SATA Clocks
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9FG107YGLNT Datasheet(HTML) 5 Page - Integrated Circuit Systems

  ICS9FG107YGLNT Datasheet HTML 1Page - Integrated Circuit Systems ICS9FG107YGLNT Datasheet HTML 2Page - Integrated Circuit Systems ICS9FG107YGLNT Datasheet HTML 3Page - Integrated Circuit Systems ICS9FG107YGLNT Datasheet HTML 4Page - Integrated Circuit Systems ICS9FG107YGLNT Datasheet HTML 5Page - Integrated Circuit Systems ICS9FG107YGLNT Datasheet HTML 6Page - Integrated Circuit Systems ICS9FG107YGLNT Datasheet HTML 7Page - Integrated Circuit Systems ICS9FG107YGLNT Datasheet HTML 8Page - Integrated Circuit Systems ICS9FG107YGLNT Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
Integrated
Circuit
Systems, Inc.
ICS9FG107
0863C—11/22/04
Absolute Max
Symbol
Parameter
Min
Max
Units
VDD_A
3.3V Core Supply Voltage
VDD + 0.5V
V
VDD_In
3.3V Logic Input Supply Voltage
GND - 0.5
VDD + 0.5V
V
Ts
Storage Temperature
-65
150
°C
Tambient
Ambient Operating Temp
0
70
°C
Tcase
Case Temperature
115
°C
ESD prot
Input ESD protection
human body model
2000
V
Electrical Characteristics - Input/Supply/Common Output Parameters
TA = 0 - 70°C; Supply Voltage VDD = 3.3 V +/-5%
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS NOTES
Input High Voltage
VIH
3.3 V +/-5%
2
VDD + 0.3
V
Input Low Voltage
VIL
3.3 V +/-5%
VSS - 0.3
0.8
V
Input High Current
IIH
VIN = VDD
-5
5
uA
IIL1
VIN = 0 V; Inputs with no pull-
up resistors
-5
uA
IIL2
VIN = 0 V; Inputs with pull-up
resistors
-200
uA
Full Active, CL = Full load;
f = 400 MHz
250
mA
Full Active, CL = Full load;
f = 100 MHz
200
mA
Input Frequency
3
Fi
VDD = 3.3 V
14
25
MHz
3
Pin Inductance
1
Lpin
7nH
1
CIN
Logic Inputs
1.5
5
pF
1
COUT
Output pin capacitance
6
pF
1
Clk Stabilization
1,2
TSTAB
From VDD Power-Up and after
input clock stabilization to 1st
clock
1.8
ms
1,2
Modulation Frequency
fMOD
Triangular Modulation
30
40
kHz
1
DIF output enable
tDIFOE
DIF output enable after
DIF_Stop# de-assertion
10
ns
1
Input Rise and Fall times
tR/tF
20% to 80% of VDD
5
ns
1
1Guaranteed by design and characterization, not 100% tested in production.
2See timing diagrams for timing requirements.
3 Input frequency should be measured at the REFOUT pin and tuned to ideal 14.31818MHz or 25 MHz to meet
ppm frequency accuracy on PLL outputs.
Input/Output
Capacitance
1
Input Low Current
IDD3.3OP
Operating Supply Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com