Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPH Datasheet(PDF) 3 Page - RUBYCON CORPORATION

Part # MPH
Description  METALLIZED POLYPROPYLENE FILM CAPACITORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

MPH Datasheet(HTML) 3 Page - RUBYCON CORPORATION

  MPH Datasheet HTML 1Page - RUBYCON CORPORATION MPH Datasheet HTML 2Page - RUBYCON CORPORATION MPH Datasheet HTML 3Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
250MPH
Frequency(kHz)
10
100
1000
0
1
2
3
4
5
6
7
8
9
10
11
12
106
475
225
105
474
224
104
630MPH
Frequency(kHz)
10
100
1000
0
1
2
3
4
5
6
7
8
9
10
11
12
450MPH
Frequency(kHz)
10
100
1000
0
1
2
3
4
5
6
7
8
9
10
11
12
225
105
474
224
104
475
225
105
474
224
104
◆DIMENTIONS AND QUANTITY
METALLIZED POLYPROPYLENE FILM CAPACITORS MPH
◆RATED VOLTAGE:630VDC
Part No.
Dimensions (mm)
Typical Packaging Quantity (pcs)
630MPH104 **
630MPH124 **
630MPH154 **
630MPH184 **
630MPH224 **
630MPH274 **
630MPH334 **
630MPH394 **
630MPH474 **
630MPH564 **
630MPH684 **
630MPH824 **
630MPH105 **
630MPH125 **
630MPH155 **
630MPH185 **
630MPH225 **
cap(μF)
AB
C
F±1.0 LS±0.5
d
Bag
Carton
A
B, D
C
E
S
13.0
13.0
13.0
13.0
13.0
18.0
18.0
18.0
18.0
18.0
18.0
18.0
18.0
23.5
23.5
23.5
23.5
11.0
12.0
13.0
14.5
15.5
12.0
13.5
14.5
16.0
17.0
18.0
20.0
21.0
19.0
22.0
24.0
26.5
17.0
17.5
19.0
20.0
21.0
19.5
20.5
22.0
23.0
24.5
27.0
29.0
32.0
30.0
33.0
35.0
38.0
10.0
10.0
10.0
10.0
10.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
20.0
20.0
20.0
20.0
5.0/7.5/10.0
5.0/7.5/10.0
5.0/7.5/10.0
5.0/7.5/10.0
5.0/7.5/10.0
7.5/10.0/15.0
7.5/10.0/15.0
7.5/10.0/15.0
7.5/10.0/15.0
7.5/10.0/15.0
7.5/10.0/15.0
7.5/10.0/15.0
7.5/10.0/15.0
20.0
20.0
20.0
20.0
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
1,000
1,000
1,000
1,000
800
800
800
500
500
500
500
500
500
500
500
500
500
200
200
200
200
200
200
200
100
100
100
100
100
100
100
100
100
100
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
0.1
0.12
0.15
0.18
0.22
0.27
0.33
0.39
0.47
0.56
0.68
0.82
1.0
1.2
1.5
1.8
2.2
Long Lead type
Taping Ammo pack type - style
: Tolerance(H:±3%,J:±5%,K:±10%)  **:Suffix
◆PERMISSIBLE CURRENT FOR FREQUENCY
TC
TX, TH TL, TJ
TN
TS



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com