Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CMS10 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # CMS10
Description  TOSHIBA SCHOTTKY BARRIER RECTIFIER SCHOTTKY BARRIER TYPE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

CMS10 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  CMS10 Datasheet HTML 1Page - Toshiba Semiconductor CMS10 Datasheet HTML 2Page - Toshiba Semiconductor CMS10 Datasheet HTML 3Page - Toshiba Semiconductor CMS10 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2000-07-18
2000-07-18
2000-07-18
2000-07-18 3
33
3/4
/4
/4
/4
CM S 1 0
iF-vF
0.1
1
10
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
INSTANTANEOUS FORWARD VOLTAGE VF (v)
125℃
℃
℃
℃
75
℃
℃
℃
℃
25
℃
℃
℃
℃
Tj=150
℃
℃
℃
℃
PF(AV)-IF(AV)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
AVERAGE FORWARD CURRENT IF(AV) (A)
α
α
α
α=180°
DC
α
α
α
α=120°
α
α
α
α=60°
rth(j-a) - t
0.1
1
10
100
1000
0.001
0.01
0.1
1
10
100
1000
TIME t  (s)
TIME t  (s)
TIME t  (s)
TIME t  (s)
ON GLASS-EPOXY SUBSTRATE
Soldering Land
 
 
 
 6mm×6mm
ON GLASS-EPOXY SUBSTRATE
Soldering Land
 
 
 
 2.1mm×1.4mm
ON CERAMIC SUBSTRATE
Soldering Land
 
 
 
 2mm×2mm
Ta Max - IF (AV)
On Glass-epoxy Substrate(size:50mm*50mm,land size:6mm*6mm)
0
20
40
60
80
100
120
140
160
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
AVERAGE FORWARD CURRENT IF(AV) (A)
α
α
α
α=180°
DC
α
α
α
α=60°
α
α
α
α=120°
Ta Max - IF (AV)
On Ceramic Substrate(size:50mm*50mm)
0
20
40
60
80
100
120
140
160
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
AVERAGE FORWARD CURRENT IF(AV) (A)
α
α
α
α=180°
DC
α
α
α
α=60°
α
α
α
α=120°



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com