Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZXGD3003E6QTA Datasheet(PDF) 3 Page - Diodes Incorporated

Part # ZXGD3003E6QTA
Description  40V 5A GATE DRIVER IN SOT26
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXGD3003E6QTA Datasheet(HTML) 3 Page - Diodes Incorporated

  ZXGD3003E6QTA Datasheet HTML 1Page - Diodes Incorporated ZXGD3003E6QTA Datasheet HTML 2Page - Diodes Incorporated ZXGD3003E6QTA Datasheet HTML 3Page - Diodes Incorporated ZXGD3003E6QTA Datasheet HTML 4Page - Diodes Incorporated ZXGD3003E6QTA Datasheet HTML 5Page - Diodes Incorporated ZXGD3003E6QTA Datasheet HTML 6Page - Diodes Incorporated ZXGD3003E6QTA Datasheet HTML 7Page - Diodes Incorporated ZXGD3003E6QTA Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ZXGD3003E6Q
Document Number DS40797 Rev. 2 - 2
3 of 8
www.diodes.com
February 2020
© Diodes Incorporated
ZXGD3003E6Q
Absolute Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Supply Voltage, with Respect to VEE
VCC
40
V
Input Voltage, with Respect to VEE
VIN
40
V
Output Difference Voltage (Source - Sink)
V(source-sink)
±7
V
Peak Pulsed Output Current (Source - Sink)
IOM
±5
A
Peak Pulsed Input Current
IIN1, IIN2
±1
A
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Power Dissipation (Notes 5 & 6)
Linear Derating Factor
PD
1.1
8.8
W
mW/°C
Thermal Resistance, Junction to Ambient (Notes 5 & 6)
RθJA
113
°C/W
Thermal Resistance, Junction to Lead (Note 7)
RθJL
105
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
ESD Ratings (Note 8)
Characteristic
Symbol
Value
Unit
JEDEC Class
Electrostatic Discharge - Human Body Model
ESD HBM
4,000
V
3A
Electrostatic Discharge - Machine Model
ESD MM
400
V
C
Electrostatic Discharge
– Charged Device Model
ESD CDM
1,000
V
IV
Notes:
5. For a device mounted on 25mm x 25mm 1oz copper that is on a single-sided 1.6mm FR-4 PCB; device is measured under still air conditions whilst
operating in a steady-state. The heatsink is split in half with the pin 1 (VCC) and pin 3 (VEE) connected separately to each half.
6. For device with two active die running at equal power.
7. Thermal resistance from junction to solder-point at the end of each lead on pin 1 (VCC) and pin 3 (VEE).
8. Refer to JEDEC specification JESD22-A114, JESD22-A115 and JESD22-C101.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com