Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

0IPMGSG018C Datasheet(PDF) 16 Page - Toshiba Semiconductor

Part # 0IPMGSG018C
Description  PROJECTION TV
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

0IPMGSG018C Datasheet(HTML) 16 Page - Toshiba Semiconductor

Back Button 0IPMGSG018C Datasheet HTML 12Page - Toshiba Semiconductor 0IPMGSG018C Datasheet HTML 13Page - Toshiba Semiconductor 0IPMGSG018C Datasheet HTML 14Page - Toshiba Semiconductor 0IPMGSG018C Datasheet HTML 15Page - Toshiba Semiconductor 0IPMGSG018C Datasheet HTML 16Page - Toshiba Semiconductor 0IPMGSG018C Datasheet HTML 17Page - Toshiba Semiconductor 0IPMGSG018C Datasheet HTML 18Page - Toshiba Semiconductor 0IPMGSG018C Datasheet HTML 19Page - Toshiba Semiconductor 0IPMGSG018C Datasheet HTML 20Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
- 31 -
EXPOLODED VIEW PARTS LIST
CAUTION:
The international hazard symbols “
” in the schematic diagram and the parts list designate components which
have special characteristics important for safety and should be replaced only with types identicall to those in the
original circuit or specified in the parts list. The mounting position of replacements is to be identical with originals.
Before replacing any of these comoinents, read carefully the PRODUCT SAFETY NOTICE.
Do not degrade the safety of the receiver through improper servicing
NOTICE:
• The parts number must be used when ordering parts, in order to assist in processing, be sure to include the
Model number and Description.
• The P.C. board assembly with
∗ mark is no longer available after the end of the production.
LOCA. NO. PART NO.
DESCRIPTION
REFERENCE NO.
120
AZ684014 SPEAKER, WOOFER C080P23K1450 ESTEC WOOFER 8OHM 15/25W
6400WESC01A
121
AZ684015 SPEAKER, TWEETER D016D01K1450 8OHM 15/25W 85DB 50 NON
6400DESA01A
174
AZ684016 POWER CORD, UL/CSA3000MM 3P 3000MM HUG BLACK 500MH 7A
6410VUH004A
300
AZ780010 CABINET, DN-44SZ80L LCD PJT FRONT
3090V00556A
301
AZ780011 BRACKET ASSEMBLY, SPEAKER RU-44SZ83D MB042G GRILLE TOSHIBA
4811V00174A
303
AZ780012 SOPPORTER, SCREEN AL BAR U/L
4980V00A29G
304
AZ780013 SOPPORTER, SCREEN AL BAR R/L
4980V00A29H
305
AZ780014 SCREEN ASSEMBLY, WLF DN-44SZ80L 991*564*3.4
3351V00020A
310
AZ780015 BUTTON, CONTROL RU-44SZ83D ABS, HF-380 7KEY TOSHIBA OEM
5020V01025A
400
AZ780016 BACK COVER,DN-44SZ80L NB-042A
3808V00455A
401
AZ780017 COVER, DN-44SZ80L ABS POWER CODE
3550V00424A
402
AZ780018 COVER, LAMP RU-44SZ83D HIPS 40AF TOSHIBA
3550V00423D
410
AZ780019 COVER, DN-44SZ80L HIPS 40AF RU-44SZ83D
3550V00425B
430
AZ780020 MIRROR, REFLECTION AVATEC GLASS FRONTSIDE 940 (H1)*500 (H2)*498 (V)*3.0 (T) 1ST 44
5018V00039F
501
AZ780021 FRAME, ABS AF-303S RN-48SZ40H MAIN CHASSIS
3210V00165B
502
AZ780022 FRAME, CHASSIS HIPS 40AF DN-44SZ60D SMPS
3210V00191A
503
AZ780023 BRACKET ASSEMBLY, REAR AV RU-44SZ83D NON BOARD TERMINAL
4811V00125G
520
AZ680001 PCB ASSEMBLY, MAIN MB-042G M/I FOR RU-44SZ83D(TOSHIBA OEM)
6871VMMT51A
530
AZ680002 PCB ASSEMBLY, POWER SMPS MB042G M/I FOR RU-44SZ83D (TOSHIBA OEM)
6871VPMA84A
540
AZ680003 PCB ASSEMBLY, SUB TUNER MB-042G M/I FOR RU-44SZ83D (TOSHIBA OEM)
6871VSMAAJA
550
AZ680004 PCB ASSEMBLY, SUB DIGITAL MB-042G M/I FOR RU-44SZ83D (TOSHIBA OEM)
6871VSMT19A
560
AZ680005 PCB ASSEMBLY, SUB MB-042G COMPONENT M/I FOR RU-44SZ83D (TOSHIBA OEM)
6871VSMAAHA
570
AZ680006 PCB ASSEMBLY, SUB CRM MB04EA DRIVE M/I ASSY FOR LVDS HD2 (TOSHIBA)
6871VSMZ44F
571
AZ780024 SHIELD, COVER DN-44SZ60D NB03KB AL DRIVER FRONT DLP720P SHILD CASE
4814V00394B
572
AZ780025 SHIELD ASSY,DN-44SZ60D NB03KB SUS, SHILD CASE DRIVE BOTTOM
4814V00434B
580
AZ684017 FAN,DC F6025S06B2-RH DONGYANG 60*&*25 6 2000RPM.650MM
5900V06007A
581
AZ780026 SUPPORTER, FAN SPCC(CR), DN-44SZ60H
4980V00813B
600
AZ684002 CHASSIS ASSEMBLY, ENGINE MB-042G 720P FOR RU-44SZ83D (TOSHIBA OEM)
3141VEN044A
601
AZ780027 SUPPORTER, SMPS EGI RU-44SZ83D
4980V01175A
602
AZ780028 SUPPORTER, OPTICAL EGI ENGINE DLP RZ-44SZ80DB
4980V00817B
610
AZ684001 LAMP UNIT
TBL4-LMP
620
AZ684018 FAN, DC G12225S06B2-FS DONGYANG 120*120*25 6V 1000RPM.1000MM
5900V12005A
621
AZ780029 BRACKET, FIXER RN-44SZ50H NB03JA ABS, AF-303S FAN HOLDER
4810V00813A
630
AZ680007 PCB ASSEMBLY, SUB P/AMP NB042A DN-44SZ80L
6871VSN221E
640
AZ684019 BALLAST, EUC-120P/H11 PHILIPS 20KV
6316000007A
650
AZ680008 PCB ASSEMBLY, SUB CONT MB042A 80L CONTROL
6871VSME75A
670
AZ680009 PCB ASSEMBLY, SUB MB042A 80L CASE DET
6871VSME03D
680
AZ680010 PCB ASSEMBLY, SUB MB042A SIDE AV DN-44SZ80L
6871VSN220B
681
AZ680011 BOARD ASSY, RU-44SZ83D MB042G TOSHIBA OEM
3500V00061Z
700
AZ680012 PCB ASSEMBLY, SUB INTER MB042G FOR RU-44SZ83D
6871VSME82G
720
AZ680013 PCB ASSEMBLY, POWER SMPS MB042G AC INPUT M/I (TOSHIBA OEM)
6871VPMA85A
730
AZ680014 PCB ASSEMBLY, SUB SENSOR MB03CC HD2 7SEGMENT SENSOR B/D
6871VSMW40E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com