Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2SC5243 Datasheet(PDF) 60 Page - Toshiba Semiconductor

Part # 2SC5243
Description  COLOUR TELEVISION C9PJ Chassis
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC5243 Datasheet(HTML) 60 Page - Toshiba Semiconductor

Back Button 2SC5243 Datasheet HTML 56Page - Toshiba Semiconductor 2SC5243 Datasheet HTML 57Page - Toshiba Semiconductor 2SC5243 Datasheet HTML 58Page - Toshiba Semiconductor 2SC5243 Datasheet HTML 59Page - Toshiba Semiconductor 2SC5243 Datasheet HTML 60Page - Toshiba Semiconductor 2SC5243 Datasheet HTML 61Page - Toshiba Semiconductor 2SC5243 Datasheet HTML 62Page - Toshiba Semiconductor 2SC5243 Datasheet HTML 63Page - Toshiba Semiconductor 2SC5243 Datasheet HTML 64Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 126 page
background image
–61 –
– 62 –
DEF BOARD PB9403A
BOTTOM (FOIL) SIDE
C310
C448
R478
L301
R307
D406
D332
R313
C314
C303
C320
C306
R306
R443
C446
D474
C357
R447
R371
C313
C447
D408
R448
R373
R405
R374
D370
L465
C419
Q480
G480
C477
R450
R431
C445
C460
R424
R425
Q421
R427
R428
D427
R484
D470
R481
R483
R372
R375
R452
R451
R453
R304
R404
C403
L442
D441
D371
L461
R496
C423
C440
C443
BB21A
R336
R400
P416
P415
P903A
C493
Q487
D487
D486
R438
D353
G487
Z450
C361
R361
R360
R362
R363
R365
C363
R366
R368
Q361
R357
R369
D360
R391
R392
R390
Z470
BB12A
BB11A
P414
R101
C482
C484
D484
R439
R498
R499
R494
R487
D488
R489
R497
R485
D489
R493
GJ43
R299
R297
GJ44
D428
G401
D429
P704A
T401
R411
C413
Q402
R410
C417
C463
R429
D355
C323
R329
D343
R319
R318
D317
R394
D340
R397
Q340
D341
R389
R396
R398
C319
C316
C318
R465
R343
Q461
L303
C315
R315
R317
R314
R384
C344
C351
Q460
Q462
C465
R462
C464
R454
R455
R466
D464
D465
R461
R460
R332
Q330
R331
C330
R334
D331
R335
Q371
D372
R379
R378
Q372
+
+
EB
C
E
B
B
C
E
E
(R)
(G)
(B)
+
+
+
+
+
+
+
+
+
BC
+
+
+
+
+
+
GND
9V-1
200V
200V LVP
NC
HEATER
CRT-P
BLK
GND
18V
+
8
125V
12V
GND
B
E
1
24
BE
B
B
E
E
B
E
BC
E
+
B
E
+
+
+
+
B
E
B
E
B
E
E
B
+
78
13
R7770
R476
+
C7780
R388
C388
+
R464
B
E
C
C
C
1
5
1
2
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com