Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2SC752GTM Datasheet(PDF) 31 Page - Toshiba Semiconductor

Part # 2SC752GTM
Description  COLOUR TELEVISION C9PJ Chassis
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC752GTM Datasheet(HTML) 31 Page - Toshiba Semiconductor

Back Button 2SC752GTM Datasheet HTML 27Page - Toshiba Semiconductor 2SC752GTM Datasheet HTML 28Page - Toshiba Semiconductor 2SC752GTM Datasheet HTML 29Page - Toshiba Semiconductor 2SC752GTM Datasheet HTML 30Page - Toshiba Semiconductor 2SC752GTM Datasheet HTML 31Page - Toshiba Semiconductor 2SC752GTM Datasheet HTML 32Page - Toshiba Semiconductor 2SC752GTM Datasheet HTML 33Page - Toshiba Semiconductor 2SC752GTM Datasheet HTML 34Page - Toshiba Semiconductor 2SC752GTM Datasheet HTML 35Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 126 page
background image
– 31 –
3-7 Cinema (NTSC mode)
Note: The cursor will move outside the screen limits in the Cinema mode; therefore, be careful to consider the position
of the cursor displayed on the screen when making adjustments.
Note: Please be aware that the Cinema screen convergence pattern center is located at the center of the screen but
the image center is located approximately 13mm above that.
266
228
114
266
114
228
0
3-8 Subtitle (NTSC mode)
Note: The cursor will move outside the screen limits in the Subtitle mode; therefore, be careful to consider the position
of the cursor displayed on the screen when making adjustments.
Note: Please be aware that the Subtitle screen convergence pattern center is located at the center of the screen but
the image center is located approximately 32mm above that.
287
246
123
287
246
123
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com