Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2SC1815 Datasheet(PDF) 43 Page - Toshiba Semiconductor

Part # 2SC1815
Description  COLOUR TELEVISION C9PJ Chassis
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC1815 Datasheet(HTML) 43 Page - Toshiba Semiconductor

Back Button 2SC1815 Datasheet HTML 39Page - Toshiba Semiconductor 2SC1815 Datasheet HTML 40Page - Toshiba Semiconductor 2SC1815 Datasheet HTML 41Page - Toshiba Semiconductor 2SC1815 Datasheet HTML 42Page - Toshiba Semiconductor 2SC1815 Datasheet HTML 43Page - Toshiba Semiconductor 2SC1815 Datasheet HTML 44Page - Toshiba Semiconductor 2SC1815 Datasheet HTML 45Page - Toshiba Semiconductor 2SC1815 Datasheet HTML 46Page - Toshiba Semiconductor 2SC1815 Datasheet HTML 47Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 126 page
background image
– 43 –
Location
No.
Part No.
Description
Location
No.
Part No.
Description
CQ63
24781470
Chip, 47pF, SL
CR01
24206010
EL, 1?F,
±20%, 50V
CR01
24567104
PF, 0.1?F
CR02
24232103
CD, 0.01?F, +80%, -20%
CR02
24567104
PF, 0.1?F
CR03
24436101
CD, 100pF
CR03
24567104
PF, 0.1?F
CR04
24567104
PF, 0.1?F
CR05
24567104
PF, 0.1?F
CR06
24567104
PF, 0.1?F
CR07
24814103
Chip, 0.01?F, +80%, -20%
CR08
24794100
EL, 10?F,
±20%, 16V
CR09
24538104
PF, 0.1?F(40PW03G)
CR09
24567104
PF, 0.1?F
CR09
24814103
Chip, 0.01?F, +80%, -20%
CR10
24794470
EL, 47?F,
±20%, 16V
CR11
24538104
PF, 0.1?F(40PW03G)
CR11
24567104
PF, 0.1?F(40PW03B)
CR12
24567104
PF, 0.1?F
CR13
24567104
PF, 0.1?F
CR14
24567104
PF, 0.1?F
CR18
24538104
PF, 0.1?F(40PW03G)
CR18
24567104
PF, 0.1?F(40PW03B)
CR19
24538104
PF, 0.1?F(40PW03G)
CR19
24567104
PF, 0.1?F(40PW03B)
CR20
24538104
PF, 0.1?F(40PW03G)
CR20
24567104
PF, 0.1?F(40PW03B)
CS01
24085944
EL, 2.2?F,
±20%, 50V,
Non-Polar
CS02
24085944
EL, 2.2?F,
±20%, 50V,
Non-Polar
CS03
24206229
EL, 2.2?F,
±20%, 50V
CS04
24206229
EL, 2.2?F,
±20%, 50V
CS05
24206229
EL, 2.2?F,
±20%, 50V
CS06
24206229
EL, 2.2?F,
±20%, 50V
CS07
24206229
EL, 2.2?F,
±20%, 50V
CS08
24206229
EL, 2.2?F,
±20%, 50V
CS12
24781102
Chip, 1000pF, SL
CS13
24781102
Chip, 1000pF, SL
CS14
24206100
EL, 10?F,
±20%, 50V
CS15
24206100
EL, 10?F,
±20%, 50V
CS17
24203100
EL, 10?F,
±20%, 16V
CS18
24203100
EL, 10?F,
±20%, 16V
CS19
24206478
EL, 0.47?F,
±20%, 50V
CS22
24203100
EL, 10?F,
±20%, 16V
CS23
24203100
EL, 10?F,
±20%, 16V
CS53
24781102
Chip, 1000pF, SL
CV01
24567103
PF, 0.01?F
CV02
24085970
EL, 10?F,
±20%, 16V,
Non-Polar
CV03
24203100
EL, 10?F,
±20%, 16V
CV04
24203100
EL, 10?F,
±20%, 16V
CV05
24814103
Chip, 0.01?F, +80%, -20%
CV06
24203100
EL, 10?F,
±20%, 16V
CV08
24763102
EL, 1000?F,
±20%, 16V
CV10
24085970
EL, 10?F,
±20%, 16V,
Non-Polar
CV11
24781331
Chip, 330pF, SL
CV12
24092178
Chip, 0.1?F,
±10%, 25V
CV13
24814103
Chip, 0.01?F, +80%, -20%
CV14
24781102
Chip, 1000pF, SL
CV15
24781102
Chip, 1000pF, SL
CV16
24781102
Chip, 1000pF, SL
CV17
24781102
Chip, 1000pF, SL
CV18
24781102
Chip, 1000pF, SL
CV19
24781102
Chip, 1000pF, SL
CV20
24781430
Chip, 43pF, SL
CV23
24203101
EL, 100?F,
±20%, 16V
CV24
24814103
Chip, 0.01?F, +80%, -20%
CV25
24763471
EL, 470?F,
±20%, 16V
CV31
24781102
Chip, 1000pF, SL
CV34
24781102
Chip, 1000pF, SL
CV35
24814103
Chip, 0.01?F, +80%, -20%
CV37
24781102
Chip, 1000pF, SL
CV39
24203101
EL, 100?F,
±20%, 16V
CV40
24814103
Chip, 0.01?F, +80%, -20%
CV46
24212332
CD, 3300pF,
±10%
CV47
24212332
CD, 3300pF,
±10%
CV48
24212102
CD, 1000pF,
±10%
CV65
24203101
EL, 100?F,
±20%, 16V
CV66
24203101
EL, 100?F,
±20%, 16V
CV67
24763471
EL, 470?F,
±20%, 16V
CV68
24763471
EL, 470?F,
±20%, 16V
CV78
24781330
Chip, 33pF, SL
CW01
24781121
Chip, 120pF, SL
CW02
24781121
Chip, 120pF, SL
CW03
24781470
Chip, 47pF, SL
CW04
24085945
EL, 2.2?F,
±20%, 50V,
Non-Polar
CW04
24591822
PF, 8200pF
CW05
24212103
CD, 0.01?F,
±10%
CW05
24781121
Chip, 120pF, SL
CW06
24781121
Chip, 120pF, SL
CW07
24206229
EL, 2.2?F,
±20%, 50V
CW07
24666470
EL, 47?F,
±20%, 16V
CW08
24781121
Chip, 120pF, SL
CW09
24781121
Chip, 120pF, SL
CW10
24206229
EL, 2.2?F,
±20%, 50V
CW11
24781330
Chip, 33pF, SL
CW12
24666470
EL, 47?F,
±20%, 16V
CW12
24781820
Chip, 82pF, SL
CW13
24781330
Chip, 33pF, SL
CW13
24790100
EL, 10?F,
±20%, 160V
CW14
24436101
CD, 100pF
CW14
24781820
Chip, 82pF, SL
CW15
24214472
CD, 4700pF,
±10%, 500V
CW15
24781330
Chip, 33pF, SL
CW16
24436101
CD, 100pF
CW16
24781820
Chip, 82pF, SL
CW17
24214472
CD, 4700pF,
±10%, 500V
CW18
24666470
EL, 47?F,
±20%, 16V
CW19
24435560
CD, 56pF, 500V
CW20
24790100
EL, 10?F,
±20%, 160V
CW21
24794470
EL, 47?F,
±20%, 16V
CW22
24212561
CD, 560pF,
±10%
CW26
24212102
CD, 1000pF,
±10%
CW27
24085986
EL, 10?F,
±20%, 10V,
Non-Polar
CW28
24085986
EL, 10?F,
±20%, 10V,
Non-Polar
CW29
24085986
EL, 10?F,
±20%, 10V,
Non-Polar
CW30
24202221
EL, 220?F,
±20%, 10V
CW31
24092294
Chip, 0.33?F, +80%, -20%,
16V
CW32
24781331
Chip, 330pF, SL
CW33
24092294
Chip, 0.33?F, +80%, -20%,
16V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com