Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MEC1632-AUE Datasheet(PDF) 64 Page - Microchip Technology

Part # MEC1632-AUE
Description  Low Power 32-Bit Mobile Embedded Controller
PDF  636 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1632-AUE Datasheet(HTML) 64 Page - Microchip Technology

Back Button MEC1632-AUE Datasheet HTML 60Page - Microchip Technology MEC1632-AUE Datasheet HTML 61Page - Microchip Technology MEC1632-AUE Datasheet HTML 62Page - Microchip Technology MEC1632-AUE Datasheet HTML 63Page - Microchip Technology MEC1632-AUE Datasheet HTML 64Page - Microchip Technology MEC1632-AUE Datasheet HTML 65Page - Microchip Technology MEC1632-AUE Datasheet HTML 66Page - Microchip Technology MEC1632-AUE Datasheet HTML 67Page - Microchip Technology MEC1632-AUE Datasheet HTML 68Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 636 page
background image
MEC1632
DS00001592B-page 64
 2012-2018 Microchip Technology Inc.
The Host can only access a subset of the AHB address space, and within that space all registers are treated as 8-bit
registers, although a register may be implemented as a 32-bit register and accessible to the EC as a 32-bit register. The
Host accesses registers in the FF_0000h through FF_FFFFh range through LPC I/O cycles. I/O cycles are mapped
according to rules described in Section 5.5, on page 65 and Section 5.6, on page 66.
5.4
Registers
The Host Interface has its own Logical Device Number and Base Address as indicated in Table 5-2. The Host LPC I/O
addresses for the Logical Device Configuration are selected via a Base Address Register. LPC access to configuration
registers is through the Host Access Configuration Port
The Logical Device Configuration also has a Global Configuration block which has a separate Logical Device Number
and Base Address Register as indicated in Table 5-2. The Base Address Register for the Global Configuration has only
one writable bit, the Valid Bit, since the only I/O accessible Register has a fixed address.
Table 5-3 is a register summary for the LPC Interface block and Table 5-15, “Chip-Level (Global) Control/Configuration
Registers,” on page 78 is a register summary for the Global Configuration block.
Table 5-3 is a register summary for the Host Access Port block. The LPC I/O address for each Run-Time Register is
described below as an offset from its Base Address Register. Each EC address is indicated as an SPB Offset from its
AHB base address. Each Configuration register access through the Host Access Port address via its LDN indicated in
Table 5-2 on page 64 and its Host Access Port index which is described as “Host Config Index” in the tables below.
TABLE 5-2:
Host Interface BASE ADDRESS TABLE
Host Interface
Blocks
LDN from
(
Table 4-2 on
page 59)
AHB Base Address
LPC Interface
Ch
FF_3000h
Global Configuration
3Fh
FF_FC00h
Note:
The Host LPC I/O addresses for this instance are selected via a Base Address Register (see Section 5.6.2,
on page 66). LPC access to configuration registers is through the Host Access Configuration Port (see
Section 5.5.1, on page 65).
TABLE 5-3:
Host Access Port REGISTER SUMMARY
Host I/O Access
EC Interface
Notes
Port Name
Host I/O Index
SPB Offset
Host
Type
SPB Offset
Byte
Lane
EC Type
CONFIG PORT
00h
00h
W
INDEX PORT
00h
00h
R/W
DATA PORT
01h
01h
R/W
Note:
The EC does not have access to the Host Access Port; however, the EC can access registers with AHB
addresses.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com