Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ICS951402 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS951402
Description  Programmable Timing Control Hub for P4 processor
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS951402 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS951402 Datasheet HTML 1Page - Integrated Circuit Systems ICS951402 Datasheet HTML 2Page - Integrated Circuit Systems ICS951402 Datasheet HTML 3Page - Integrated Circuit Systems ICS951402 Datasheet HTML 4Page - Integrated Circuit Systems ICS951402 Datasheet HTML 5Page - Integrated Circuit Systems ICS951402 Datasheet HTML 6Page - Integrated Circuit Systems ICS951402 Datasheet HTML 7Page - Integrated Circuit Systems ICS951402 Datasheet HTML 8Page - Integrated Circuit Systems ICS951402 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
Integrated
Circuit
Systems, Inc.
ICS951402
Advance Information
0660—05/05/05
Block Diagram
Pin Configuration
Recommended Application:
ATI chipset, P4 system, Banias system
Output Features:
•
2 - Pairs of differential CPUCLKs (differential current mode)
•
1 - SDRAM @ 3.3V
•
8 - PCI @3.3V (selectable 33/66 MHz) (2 free-running)
•
2 - AGP @ 3.3V
•
2- 48MHz, @3.3V fixed.
•
1- 24/48MHz, @3.3V selectable by I
2C
(Default is 24MHz)
•
3- REF @3.3V, 14.318MHz.
Features/Benefits:
•
Support for Intel Banias power management features
•
Programmable output frequency, divider ratios, output rise/
falltime, output skew.
•
Programmable spread percentage for EMI control.
•
Watchdog timer technology to reset system
if system malfunctions.
•
Programmable watch dog safe frequency.
•
Support I
2C Index read/write and block read/write
operations.
•
Supports spread spectrum for EMI reduction; default is
spread spectrum ON.
Programmable Timing Control Hub™ for P4™ processor
* These inputs have a 120K pull up to VDD.
** These inputs have a 120K pull down to GND.
ADVANCE INFORMATION documents contain information on products in the formative or design phase development. Characteristic data and other specifications are design goals.
ICS reserves the right to change or discontinue these products without notice. Third party brands and names are the property of their respective owners.
48-Pin TSSOP & SSOP
Power Groups
VDDCPU = CPU
VDDPCI = PCICLK_F, PCICLK
VDDSD = SDRAM
AVDD48 = 48MHz, 24MHz, fixed PLL
AVDD = Analog Core PLL
VDDAGP= AGP
VDDREF = Xtal, REF
Skew Requirements
VDDREF 1
48 VDDSDR
FS0/REF0 2
47 SDRAM_OUT
FS1/REF1 3
46 GNDSDR
FS2/REF2 4
45 CPU_STOP#*
GNDREF 5
44 CPUCLKT1
X1 6
43 CPUCLKC1
X2 7
42 VDDCPU
GND 8
41 GNDCPU
VDD 9
40 CPUCLKT0
*VttPWR_GD/PD# 10
39 CPUCLKC0
PCI66/33#_SEL 11
38 IREF
PCI_STOP#* 12
37 GND
VDDPCI 13
36 AVDD
FS3/PCICLK_F0 14
35 SCLK
FS4/PCICLK_F1 15
34 SDATA
PCICLK016
33GNDAGP
PCICLK117
32AGPCLK0
GNDPCI 18
31 AGPCLK1
VDDPCI 19
30 VDDAGP
PCICLK220
29AVDD48
PCICLK321
2848MHz_0
PCICLK422
2748MHz_1
PCICLK5 23
26 24_48MHz/SEL24_48#MHz**
GNDPCI 24
25 GND48
PCI-PCI
<±350ps
AGP-AGP
<±350ps
CPU-AGP
<±500ps
CPU-PCI
<±500ps
CPU-SDRAM
<±1ns
AGP-PCI
AGP leading
<±1ns
I REF
CPU
DIVDER
PLL2
PLL1
Spread
Spectrum
48MHz (0:1)
24_48MHz
PCICLK (5:0)
AGP (1:0)
PCICLK_F (1:0)
2
2
1
6
3
X1
X2
XTAL
OSC
SDRAM
SDRAM_OUT
PCI
DIVDER
Stop
SDATA
SCLK
FS (4:0)
PD#
PCI_STOP#
CPU_STOP#
PD#/Vtt_PWRGD
PCI66/33#SEL
24_48SEL#
Control
Logic
Config.
Reg.
/ 2
REF (2:0)
AGP
DIVDER
Stop
2
2
CPUCLKT (1:0)
CPUCLKC (1:0)


Similar Part No. - ICS951402

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS951402 RENESAS-ICS951402 Datasheet
516Kb / 24P
Programmable Timing Control Hub™ for P4™ processor
2019
ICS951402YFLF-T RENESAS-ICS951402YFLF-T Datasheet
516Kb / 24P
Programmable Timing Control Hub™ for P4™ processor
2019
ICS951402YGLF-T RENESAS-ICS951402YGLF-T Datasheet
516Kb / 24P
Programmable Timing Control Hub™ for P4™ processor
2019
More results

Similar Description - ICS951402

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS950201 ICST-ICS950201 Datasheet
206Kb / 16P
Programmable Timing Control Hub??for P4?
ICS950910 ICST-ICS950910 Datasheet
183Kb / 20P
Programmable Timing Control Hub for P4
ICS952004 ICST-ICS952004 Datasheet
173Kb / 10P
Programmable Timing Control Hub??for P4??processor
ICS950703 ICST-ICS950703 Datasheet
158Kb / 24P
PROGRAMMABLE TIMING CONTROL HUB FOR P4
ICS952003 ICST-ICS952003 Datasheet
198Kb / 18P
Programmable Timing Control Hub for P4??processor
ICS952011 ICST-ICS952011 Datasheet
170Kb / 25P
Programmable Timing Control Hub for P4 processor
logo
Integrated Device Techn...
ICS950910 IDT-ICS950910 Datasheet
218Kb / 21P
Programmable Timing Control Hub??for P4?
ICS952003 IDT-ICS952003 Datasheet
199Kb / 18P
Programmable Timing Control Hub??for P4??processor
logo
Integrated Circuit Solu...
ICS950220AFLFT ICSI-ICS950220AFLFT Datasheet
238Kb / 20P
Programmable Timing Control Hub??for P4?
logo
Renesas Technology Corp
954310 RENESAS-954310 Datasheet
347Kb / 22P
Programmable Timing Control Hub™ for P4™ processor
Mar 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com