Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AC162070 Datasheet(PDF) 4 Page - Microchip Technology

Part # AC162070
Description  Debug Header Specification
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AC162070 Datasheet(HTML) 4 Page - Microchip Technology

  AC162070 Datasheet HTML 1Page - Microchip Technology AC162070 Datasheet HTML 2Page - Microchip Technology AC162070 Datasheet HTML 3Page - Microchip Technology AC162070 Datasheet HTML 4Page - Microchip Technology AC162070 Datasheet HTML 5Page - Microchip Technology AC162070 Datasheet HTML 6Page - Microchip Technology AC162070 Datasheet HTML 7Page - Microchip Technology AC162070 Datasheet HTML 8Page - Microchip Technology AC162070 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 78 page
background image
Debug Header Specification
DS51292T-page 4
 2006-2012 Microchip Technology Inc.
PROGRAMMING DETAILS
The debug header is designed to be used with the in-circuit emulator or the in-circuit
debugger selected as a debugger, not a programmer, in MPLAB IDE. Any program-
ming of the ICE/ICD device on the header is for debug purposes and includes the
debug executive. See your related debug tool documentation for details on using it as
a debugger.
To program production (non-ICE/ICD) devices with your debug tool, use the Universal
Programming Module (AC162049) or design a modular interface connector on the
target. See the appropriate specification for connections. For the most up-to-date
device programming specifications, see the Microchip website (www.microchip.com).
Also, production devices may be programmed with the following tools:
• MPLAB PM3 device programmer
• PICSTART® Plus development programmer
• PICkit™ 1, 2 or 3 development programmer
• MPLAB ICD 3 in-circuit debugger (select as a programmer)
• MPLAB REAL ICE in-circuit emulator (select as a programmer)
GENERAL HEADER SETUP
To set up your header, do the following:
1.
Check the debug header for any stickers and the header box for any paper
inserts that may specify special operating instructions (Figure 3). Follow these
instructions before doing anything else.
FIGURE 3:
SPECIAL HEADER INSTRUCTIONS
2.
Set any jumpers or switches on the header to determine device functionality or
selection as specified for that header. See the sections “Optional Debug Head-
ers” or “Required Debug Headers” for information on how to set up individual
headers.
3.
Connect the header to your desired debug tool by consulting the tool
documentation for connection options. An example connection is shown in
Figure 4.
The special ICE/ICD device is mounted on the top of a header and its signals are
routed to the emulator or debugger connector. These special device versions are
labeled with the appropriate suffix (i.e., either Device-ICE or Device-ICD).
Debug Header (Top)
CAUTION
CA
UT
IO
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com