Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

3205D Datasheet(PDF) 11 Page - Pico Technology Ltd.

Part # 3205D
Description  PicoScope® 3000 Series PC oscilloscopes and MSOs
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

3205D Datasheet(HTML) 11 Page - Pico Technology Ltd.

Back Button 3205D Datasheet HTML 7Page - Pico Technology Ltd. 3205D Datasheet HTML 8Page - Pico Technology Ltd. 3205D Datasheet HTML 9Page - Pico Technology Ltd. 3205D Datasheet HTML 10Page - Pico Technology Ltd. 3205D Datasheet HTML 11Page - Pico Technology Ltd. 3205D Datasheet HTML 12Page - Pico Technology Ltd. 3205D Datasheet HTML 13Page - Pico Technology Ltd. 3205D Datasheet HTML 14Page - Pico Technology Ltd. 3205D Datasheet HTML 15Page - Pico Technology Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
PicoScope 3000 Series
Signal integrity
Most oscilloscopes are built down to a price. PicoScopes are built up
to a specification.
Careful front-end design and shielding reduces noise, crosstalk, and
harmonic distortion. Years of oscilloscope design experience can be
seen in improved bandwidth flatness, low distortion, and excellent
pulse response. We are proud of the dynamic performance of our
products, and publish their specifications in detail.
The result is simple: when you probe a circuit, you can trust in the
waveform you see on the screen.
High-speed data acquisition and digitizer
The supplied drivers and software development kit (SDK) allows you to write your own software or interface to popular third-party
software packages such as National Instruments LabVIEW and MathWorks MATLAB.
The driver supports data streaming, a mode which captures gap-free continuous data over USB direct to the PC at rates of up to 125 MS/s
(subject to PC specifications). The capture size is limited only by available PC storage.
Beta drivers are also available for use with Raspberry Pi, BeagleBone Black, and similar ARM-powered platforms. These drivers enable you
to control your PicoScope using these small, single-board Linux computers.
Spectrum analyzer
By simply clicking the spectrum button
you can display a spectrum plot of selected channels up to the full bandwidth of the oscilloscope.
A full range of settings gives you control over the number of spectrum bands, window types, and display modes (instantaneous, average, or
peak hold).
You can display multiple spectrum views with different channel selections and zoom factors, and place these alongside time-domain views of
the same data. A comprehensive set of automatic frequency-domain measurements can be added to the display, including THD, THD+N,
SNR, SINAD and IMD. You can even use the AWG and spectrum mode together to perform swept scalar network analysis.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com