Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM2902DT Datasheet(PDF) 7 Page - STMicroelectronics

Part # LM2902DT
Description  Low-power quad operational amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM2902DT Datasheet(HTML) 7 Page - STMicroelectronics

Back Button LM2902DT Datasheet HTML 3Page - STMicroelectronics LM2902DT Datasheet HTML 4Page - STMicroelectronics LM2902DT Datasheet HTML 5Page - STMicroelectronics LM2902DT Datasheet HTML 6Page - STMicroelectronics LM2902DT Datasheet HTML 7Page - STMicroelectronics LM2902DT Datasheet HTML 8Page - STMicroelectronics LM2902DT Datasheet HTML 9Page - STMicroelectronics LM2902DT Datasheet HTML 10Page - STMicroelectronics LM2902DT Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
5
Electrical characteristic curves
Figure 3. Input bias current vs. Tamb
24
21
18
15
9
12
6
3
0
(°C)
5
25 45
65 85 105 125
-55 -35 -15
TEMPERATURE
Figure 4. Input voltage range
Figure 5. Current limiting
Figure 6. Supply current
Figure 7. Gain bandwidth product
GBP (MHz)
Figure 8. Voltage follower pulse response
TIME (µs)
VCC =+15V
4
3
2
1
0
3
2
1
RL ≤ 2 kΩ
0
10
20
30
40
LM2902
Electrical characteristic curves
DS0506 - Rev 9
page 7/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com