Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM2902Q4T Datasheet(PDF) 5 Page - STMicroelectronics

Part # LM2902Q4T
Description  Low-power quad operational amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM2902Q4T Datasheet(HTML) 5 Page - STMicroelectronics

  LM2902Q4T Datasheet HTML 1Page - STMicroelectronics LM2902Q4T Datasheet HTML 2Page - STMicroelectronics LM2902Q4T Datasheet HTML 3Page - STMicroelectronics LM2902Q4T Datasheet HTML 4Page - STMicroelectronics LM2902Q4T Datasheet HTML 5Page - STMicroelectronics LM2902Q4T Datasheet HTML 6Page - STMicroelectronics LM2902Q4T Datasheet HTML 7Page - STMicroelectronics LM2902Q4T Datasheet HTML 8Page - STMicroelectronics LM2902Q4T Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
4
Electrical characteristics
Table 3. VCC + = 5 V, VCC - = Ground, VO = 1.4 V, Tamb = 25 °C (unless otherwise stated)
Symbol
Parameter
Test conditions
Min. Typ. Max.
Unit
Vi o
Input offset voltage (1)
Tamb = 25 °C
2
7
mV
Tmin ≤ Tamb ≤ Tmax
9
ΔVio/ΔT Input offset voltage drift
7
30
µV/°C
Iio
Input offset current
Tamb = 25 °C
2
30
nA
Tmin ≤ Tamb ≤ Tmax
40
DIio
Input offset current drift
10
200
pA/°C
Iib
Input bias current (2)
Tamb = 25 °C
20
150
nA
Tmin ≤ Tamb ≤ Tmax
300
Avd
Large signal voltage gain
VCC + = 15 V, RL = 2 kΩ, Vο = 1.4 V to 11.4 V, Tamb = 25 °C
50
100
V/mV
VCC + = 15 V, RL = 2 kΩ, Vο = 1.4 V to 11.4 V, Tmin ≤ Tamb ≤ Tmax
25
SVR
Supply voltage rejection ratio
RS ≤ 10 kΩ, Tamb = 25 °C
65
110
dB
RS ≤ 10 kΩ, Tmin ≤ Tamb ≤ Tmax
65
ICC
Supply current, all op amps,
no load
Tamb = 25 °C, VCC + = 5 V
0.7
1.2
mA
Tamb = 25 °C, VCC + = 30 V
1.5
3
Tmin ≤ Tamb ≤ Tmax, VCC + = 5 V
0.8
1.2
Tmin ≤ Tamb ≤ Tmax, VCC + = 30 V
1.5
3
CMR
Common-mode rejection
ratio
RS ≤ 10 kΩ, Tamb = 25 °C
70
80
dB
RS ≤ 10 kΩ, Tmin ≤ Tamb ≤ Tmax
60
Io
Output short-circuit current
Vid = 1 V, VCC + = 15 V, Vo = 2 V
20
40
70
mA
Isink
Output sink current
Vid = -1 V, VCC + = 15 V, Vo = 2 V
10
20
Vid = -1 V, VCC + = 15 V, Vo = 0.2 V
12
50
µA
VOH
High-level output voltage
VCC + = 30 V, RL = 2 kΩ, Tamb = 25 °C
26
27
V
VCC + = 30 V, RL = 2 kΩ, Tmin ≤ Tamb ≤ Tmax
26
VCC + = 30 V, RL = 10 kΩ, Tamb = 25 °C
27
28
VCC + = 30 V, RL = 10 kΩ, Tmin ≤ Tamb ≤ Tmax
27
VCC + = 5 V, RL = 2 kΩ, Tamb = 25 °C
3
VCC + = 5 V, RL = 2 kΩ, Tmin ≤ Tamb ≤ Tmax
3.5
VOL
Low-level output voltage
RL = 10 kΩ, Tamb = 25 °C
5
20
mV
RL = 10 kΩ, Tmin ≤ Tamb ≤ Tmax
20
SR
Slew rate
VCC + = 15 V, Vin = 0.5 to 3 V, RL = 2 kΩ, CL = 100 pF, unity gain
0.4
V/µs
GBP
Gain bandwidth product
VCC + = 30 V, Vin = 10 mV, RL = 2 kΩ, CL = 100 pF
1.3
MHz
THD
Total harmonic distortion
f = 1 kHz, AV = 20 dB, RL = 2 kΩ, Vo = 2 Vpp, CL = 100 pF, VCC + = 30
V
0.015
%
en
Equivalent input noise
voltage
f = 1 kHz, RS = 100 Ω, VCC + = 30 V
40
nV/√Hz
LM2902
Electrical characteristics
DS0506 - Rev 9
page 5/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com