Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PI3A412ZLE Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI3A412ZLE
Description  0.4ohm, 3.3V, Quad SPDT Analog Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3A412ZLE Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI3A412ZLE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3A412ZLE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3A412ZLE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3A412ZLE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3A412ZLE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3A412ZLE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3A412ZLE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3A412ZLE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3A412ZLE Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
PS8834
05/22/06
PI3A412
0.4Ω, 3.3V, Quad SPDT Analog Switch
COMPANY CONFIDENTIAL
Electrical Specifications - Single +3.3V Supply
(VCC = +3.3V ± 10%, GND = 0V, VIH = 1.3V, VIL = 0.5V) (TA = –40°C to +85°C)
Parameter
Symbol
Conditions
Min.(1)
Typ. (2)
Max. (1) Units
Analog Signal Range (3)
VANALOG
0
VCC
V
On Resistance
RON
VCC = 2.7V, ICOM = 100mA,
VIN = +1.5V
0.4
0.6
Ω
On-Resistance Match
Between Channels(4)
∆RON
0.08
0.09
On-Resistance Flatness(5) RFLAT(ON) VCC = 2.7V, ICOMx = 100mA,
VIN = 0.8V, 2.0V
0.1
0.15
Off Leakage Current(6)
INC (off)
or
INO (off)
VCC = 3.6V
VNO or VNC = 0.3V, 3.3V
-400
400
nA
On Leakage Current(6)
ICOMx (on)
VCC = 3.6V,
VCOMx= 0.3V, 3.3V
-400
400
Notes:
1. The algebraic convention, where most negative value is a minimum and most positive is a maximum, is used in this data sheet.
2. Typical values are TA = 25°C, VCC = 4.2V unless otherwise specified.
3. Guaranteed by design.
4. ∆RON = RON match between channels
5. Flatness is defined as the difference between the maximum and minimum value of On-Resistance measured.
6. Leakage parameters are 100% tested at maximum rated hot temperature and guaranteed by correlation at +25ºC.
Electrical Specifications - Single +4.2V Supply
(VCC = +4.2V ± 10%, GND = 0V, VIH = 1.6V, VIL = 0.7V) (TA = –40°C to +85°C)
Parameter
Symbol
Conditions
Min.(1)
Typ. (2)
Max. (1) Units
Analog Signal Range (3)
VANALOG
0
VCC
V
On Resistance
RON
VCC = 4.0V, ICOMx = 100mA,
VIN = +1.5V
0.4
0.6
Ω
On-Resistance Match
Between Channels(4)
∆RON
0.08
0.09
On-Resistance Flatness(5) RFLAT(ON) VCC = 4.0V, ICOMx = 100mA,
VIN = 0.8V, 2.0V
0.1
0.15
Off Leakage Current(6)
INC (off)
or
INO (off)
VCC = 4.4V,
VNO or VNC = 0.3V, 3.3V
-400
400
nA
On Leakage Current(6)
ICOMx (on) VCC = 4.4V,
VCOMx = 0.3V, 3.3V
-400
400
Notes:
1. The algebraic convention, where most negative value is a minimum and most positive is a maximum, is used in this data sheet.
2. Typical values are TA = 25°C, VCC = 4.2V unless otherwise specified.
3. Guaranteed by design.
4. ∆RON = RON match between channels
5. Flatness is defined as the difference between the maximum and minimum value of On-Resistance measured.
6. Leakage parameters are 100% tested at maximum rated hot temperature and guaranteed by correlation at +25ºC.
06-0068



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com