Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BLUECORE4-ROM Datasheet(PDF) 44 Page - List of Unclassifed Manufacturers

Part # BLUECORE4-ROM
Description  BlueCore 4-ROM CSP EDR
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

BLUECORE4-ROM Datasheet(HTML) 44 Page - List of Unclassifed Manufacturers

Back Button BLUECORE4-ROM Datasheet HTML 40Page - List of Unclassifed Manufacturers BLUECORE4-ROM Datasheet HTML 41Page - List of Unclassifed Manufacturers BLUECORE4-ROM Datasheet HTML 42Page - List of Unclassifed Manufacturers BLUECORE4-ROM Datasheet HTML 43Page - List of Unclassifed Manufacturers BLUECORE4-ROM Datasheet HTML 44Page - List of Unclassifed Manufacturers BLUECORE4-ROM Datasheet HTML 45Page - List of Unclassifed Manufacturers BLUECORE4-ROM Datasheet HTML 46Page - List of Unclassifed Manufacturers BLUECORE4-ROM Datasheet HTML 47Page - List of Unclassifed Manufacturers BLUECORE4-ROM Datasheet HTML 48Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 89 page
background image
CSR Bluetooth Software Stacks
BC41B143A-ds-002Pd
This material is subject to CSR’s non-disclosure agreement
Production Information
© Cambridge Silicon Radio Limited 2005
Page 44 of 89
9.1.2
Key Features of the HCI Stack - Extra Functionality
The firmware extends the standard Bluetooth functionality with the following features:
!
Supports BlueCore Serial Protocol (BCSP) – a proprietary, reliable alternative to the standard Bluetooth
UART Host Transport
!
Provides a set of approximately 50 manufacturer-specific HCI extension commands. This command set
(called BCCMD – “BlueCore Command”) provides:
!
Access to the IC’s general-purpose PIO port
!
The negotiated effective encryption key length on established Bluetooth links
!
Access to the firmware’s random number generator
!
Controls to set the default and maximum transmit powers – these can help minimise interference
between overlapping, fixed-location piconets
!
Dynamic UART configuration
!
Radio transmitter enable/disable – a simple command connects to a dedicated hardware switch that
determines whether the radio can transmit
!
The firmware can read the voltage on pins AIO[2] and AIO[0]. This is normally used to build a
battery monitor
!
A block of BCCMD commands provides access to the persistent store (PS) configuration database.
The database sets the Bluetooth address, Class of Device, radio (transmit class) configuration,
SCO routing, LM and USB constants, etc.
!
A UART “break” condition can be used as follows:
!
Presenting a UART break condition to the IC can force the IC to perform a hardware reboot
!
Presenting a break condition at boot time can hold the IC in a low power state, preventing
normal initialisation while the condition exists
!
When using BCSP host transport, the firmware can be configured to send a break to the host
before sending data. This is normally used to wake the host from a deep sleep state
!
A block of “radio test” or BIST commands allows direct control of the IC’s radio. This can be used
during support Bluetooth qualification and factory testing.
!
Hardware low-power modes: shallow sleep and deep sleep. The IC drops into modes that significantly
reduce power consumption when the software goes idle.
!
SCO channels are normally routed via HCI (over BCSP). However, up to three SCO channels can be
routed over the single PCM port (at the same time as routing any remaining SCO channels over HCI).
!
Co-operative existence with 802.11b/g chipsets. The device can be optionally configured to support a
number of different co-existence schemes including:
!
TDMA – Bluetooth and WLAN avoid transmitting at the same time.
!
FDMA – Bluetooth avoids transmitting within the WLAN channel
!
Combination TDMA and FDMA – Bluetooth avoids transmitting in the WLAN channel only when
WLAN is active.
!
Refer to separate documentation for full details of the co-existence schemes that CSR supports.
Note:
Always refer to the Firmware Release Note for the specific functionality of a particular build.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com