Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SFS10 Datasheet(PDF) 8 Page - COSEL CO., LTD.

Part # SFS10
Description  DC-DC Converters PCB Mount Type
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSEL [COSEL CO., LTD.]
Direct Link  https://en.cosel.co.jp/
Logo COSEL - COSEL CO., LTD.

SFS10 Datasheet(HTML) 8 Page - COSEL CO., LTD.

  SFS10 Datasheet HTML 1Page - COSEL CO., LTD. SFS10 Datasheet HTML 2Page - COSEL CO., LTD. SFS10 Datasheet HTML 3Page - COSEL CO., LTD. SFS10 Datasheet HTML 4Page - COSEL CO., LTD. SFS10 Datasheet HTML 5Page - COSEL CO., LTD. SFS10 Datasheet HTML 6Page - COSEL CO., LTD. SFS10 Datasheet HTML 7Page - COSEL CO., LTD. SFS10 Datasheet HTML 8Page - COSEL CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
SFS/SFCS-9
ISOLATION INPUT-OUTPUT
DC1,500V 1minute, DC500V 50MW min (20t15C)
ENVIRONMENT
OPERATING TEMP.,HUMID.AND ALTITUDE -40 to +85C, 20- 95%RH (Non condensing), 3,000m (10,000feet) max
STORAGE TEMP.,HUMID.ANDALTITUDE -40 to +100C, 20 - 95%RH (Non condensing), 9,000m (30,000feet) max (SMD:Refer to the Instruction Manual)
VIBRATION
10- 55Hz, 49.0m/s2 (5G), 3minutes period, 60minutes each alongX, Y and Z axis
IMPACT
196.1m/s2 (20G), 11ms, once eachX, Y and Z axis
SAFETY
AGENCY APPROVALS
OTHERS
CASE SIZE/WEIGHT
38.7X8.0X31.2mm [1.52X0.315X1.23 inches] (WXHXD) /20gmax
COOLINGMETHOD
Convection/Forced air
UL60950-1, C-UL (CSA60950-1), EN60950-1
GENERAL SPECIFICATIONS
*1 At rated input(DC24V, DC48V), rated load and 25C
External view
-Vout
Stopper
-Vout
+Vout
+Vout
+Vout
Stopper
NC
NC
-Vin
-Vin
+Vin
+Vin
Stopper
PO
RC
ALM
Lot No.
37.6
38.7
8max
3.5
[1.480]
14- º0.9
37.6
[1.366]
[0.165]
34.7
4.2
Lot No.
-Vout
NC
-Vout
+Vout
+Vout
+Vout
NC
NC
NC
-Vin
-Vin
+Vin
+Vin
NC
PO
RC
ALM
1.3
39.9
38.7
8max
[inch]
mm
0.1inch
[inch]
mm
0.1inch
Model
º10 min to a center
(adsorption area)
Coplanarity within 0.1
Terminal part details
¶Weight:20g max
¶Tolerance ±0.5 [±0.02]
¶Dimensions in mm,[ ]= inches
Model
Recommended size for processing PCB
(TOP VIEW)
Recommended size for processing PCB
(TOP VIEW)
¶Dimensions in:
¶Div.:
¶Dimensions in:
¶Div.:
Out line
1.SMD(Type:B)
2.DIP(Type:C)
Out line
PCB
±0.5
±0.3
±0.6
[1.52]
[1.57]
[1.52]
[1.48]
[0.315]
[0.315]
[0.14]
[0.004]
[0.05]
SFS30



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com