Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S8FS-G05005CD Datasheet(PDF) 21 Page - Omron Electronics LLC

Part # S8FS-G05005CD
Description  Switch Mode Power Supply S8FS-G (15/30/50/100/150/300/600-W Models)
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

S8FS-G05005CD Datasheet(HTML) 21 Page - Omron Electronics LLC

Back Button S8FS-G05005CD Datasheet HTML 17Page - Omron Electronics LLC S8FS-G05005CD Datasheet HTML 18Page - Omron Electronics LLC S8FS-G05005CD Datasheet HTML 19Page - Omron Electronics LLC S8FS-G05005CD Datasheet HTML 20Page - Omron Electronics LLC S8FS-G05005CD Datasheet HTML 21Page - Omron Electronics LLC S8FS-G05005CD Datasheet HTML 22Page - Omron Electronics LLC S8FS-G05005CD Datasheet HTML 23Page - Omron Electronics LLC S8FS-G05005CD Datasheet HTML 24Page - Omron Electronics LLC S8FS-G05005CD Datasheet HTML 25Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
S8FS-G
21
100W
28.5
129±1
8.2
9.5
32
6.5
4.5
77±0.5
3.5
5.25
3.5
10
13±0.5
18±0.5
38±1
120±0.5
122.5±0.5
78
(14.3)
28.5
19
33
33±0.5
97±1
85.5±0.5
Two, M3 (Depth 5 mm max.)
Seven, M3.5
3.5 dia.
3.5 dia.
Three, M3 (Depth 6 mm max.)
S8FS-G100
@@C
Panel mounting holes dimensions
Using the mounting holes in the
Power Supply
Using the screw holes
in the Power Supply
Side
Mounting
Bottom
Mounting
122.5±0.5
85.5±0.5
Two, M3
33±0.5
Two, 3.5 dia.
120±0.5
13±0.5
Three, M3
77±0.5
9±0.5
18±0.5
Three, 3.5 dia.
8.2
9.5
48.5
48.5
147.7±1
(14.3)
5
39.2±1
4.5
Seven, M3.5
5 max.
(Sliding:
7.2 max.)
S8FS-G100
@@CD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com