Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DVPL0505S/HB-XXX Datasheet(PDF) 2 Page - Delta Electronics, Inc.

Part # DVPL0505S/HB-XXX
Description  HIGH RELIABILITY HYBRID DC-DC CONVERTERS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DVPL0505S/HB-XXX Datasheet(HTML) 2 Page - Delta Electronics, Inc.

  DVPL0505S/HB-XXX Datasheet HTML 1Page - Delta Electronics, Inc. DVPL0505S/HB-XXX Datasheet HTML 2Page - Delta Electronics, Inc. DVPL0505S/HB-XXX Datasheet HTML 3Page - Delta Electronics, Inc. DVPL0505S/HB-XXX Datasheet HTML 4Page - Delta Electronics, Inc. DVPL0505S/HB-XXX Datasheet HTML 5Page - Delta Electronics, Inc. DVPL0505S/HB-XXX Datasheet HTML 6Page - Delta Electronics, Inc. DVPL0505S/HB-XXX Datasheet HTML 7Page - Delta Electronics, Inc. DVPL0505S/HB-XXX Datasheet HTML 8Page - Delta Electronics, Inc. DVPL0505S/HB-XXX Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
DVPL0505S Series
1X036DSB
2
SPECIFICATIONS (T
CASE = -55°C to +125°C, VIN = +3.3V, +5V ± 5%, Full Load, Unless Otherwise Specified)
ABSOLUTE MAXIMUM RATINGS
Input Voltage (Continuous)
5.5 VDC
Junction Temperature Rise to Case
+10°C
Input Voltage (Transient)
5.8 VDC
Storage Temperature
-65°C to +150°C
Output Power
1
16.5 Watts
Lead Solder Temperature (10 seconds)
270°C
Power Dissipation (Full Load, TCASE = +125°C)
1.3 Watt
Weight (Maximum)
13 Grams
DVPL0505S
Parameter
Conditions
Min
Typ
Max
Units
STATIC
VIN
Vout = 0.8V to 2.5V
3.0
5.5
V
INPUT
Voltage
4
VIN
Vout = 2.6V to 3.3V
4.0
5.5
V
Inhibited
-
-
3
mA
Current
No Load
60
mA
Inhibit Pin Input
4
0
-
1.5
V
Inhibit Pin Open Circuit Voltage
4
Vin
V
UVLO Turn On
4,6
2.2
V
UVLO Turn Off
4
2.0
V
VOUT
TCASE = 25°C
-1.5
Vout
+1.5
%Vout
OUTPUT
Voltage
VOUT
TCASE = -55°C to +125°C
-2.5
Vout
+2.5
%Vout
Power
3,1
VOUT = 3.3V
0
16.5
W
Current
3
VOUT
0
5
A
Ripple Voltage
VOUT
Full Load, 20Hz to 10MHz
35
90
mVp-p
Load Regulation
VOUT
No Load to Full Load
15
40
mV
EFFICIENCY
Vin = 5V, Vout = 3.3V
93
96
%
FAULT POWER DISSIPATION
Short Circuit
3
W
CAPACITIVE LOAD
4
5000
µF
SWITCHING FREQUENCY
240
300
350
kHz
CASE ISOLATION
500 VDC
100
-
-
MΩ
MTBF (MIL-HDBK-217F)
AIF @ TC = 55°C
800
kHrs
DYNAMIC
Load Step Output Transient
5
VOUT
100
250
mV
Load Step Recovery
2,5
Half Load to Full Load
30
75
µSec
Turn On Delay
VOUT
6
mSec
Turn On Overshoot
VIN = 0V to 5V
40
mVPK
VOLTAGE TRACKING
Power-up
100
300
mV
Tracking Accuracy
4
Power-down
200
400
mV
Slew Rate
4
At track pin
0.1
2
V/msec
Tracking Delay
4
From Vin to tracking
voltage applied
10
ms
Notes: 1. Dependant on output voltage.
2. Time for output voltage to settle within 1% of its nominal value.
3. Derate linearly to 0 at 135°C.
4. Verified by qualification testing.
5. With 100µF capacitor from Vin to Ground
6. Vout not necessarily in regulation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com