Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STM32
Description  Leading-edge architecture with Cortex-M3 core
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32 Datasheet(HTML) 4 Page - STMicroelectronics

  STM32_V01 Datasheet HTML 1Page - STMicroelectronics STM32_V01 Datasheet HTML 2Page - STMicroelectronics STM32_V01 Datasheet HTML 3Page - STMicroelectronics STM32_V01 Datasheet HTML 4Page - STMicroelectronics STM32_V01 Datasheet HTML 5Page - STMicroelectronics STM32_V01 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image

High level of integration
Built-in supervisor reduces need for external
components:
Power-on reset, low voltage detect, brown-out
detect, watchdog timer with independent clock
One main crystal drives entire system:
Inexpensive 4-16 MHz crystal drives CPU, USB
and all peripherals
Embedded PLL generates multiple frequencies
Optional 32 kHz crystal for RTC
Embedded factory trimmed 8 MHz RC can be used
as main clock
Additional low-frequency RC for RTC or watchdog
Only 7 external passive components required for base
system on LQFP100 package
7 power capacitors only!
The need for speed
USB
12 Mbit/s
USART
up to 4.5 Mbit/s
SPI
18 MHz master and slave
I2C
400 kHz
GPIO
18 MHz maximum toggle
PWM timer
72 MHz clock input
Superior and innovative peripherals
The STM32 benefits from a dual advanced peripheral
bus (APB) architecture, one of which is a high-speed
APB (up to CPU frequency). Peripherals have been
connected on this bus to increase peripheral speed:
Motor control
The STM32 Performance line embeds timers and
ADC features that are perfectly suited to three-phase
brushless motor control. The advanced control PWM
timer offers:
Six outputs
Dead-time generation
Edge-aligned and center-aligned waveforms
Emergency stop and synchronization capability
with the dual ADC, synchronization capability with
other timers
Programmable smoke inhibit feature to protect
registers against unwanted writing
Encoder input
Hall effect sensors interface
Total vector control loop: 21 µs in sensorless mode
The dual ADC architecture allows dual sample and
hold capability with 12-bit resolution, 1 µs conversion
time. The dual ADC is controlled by two independent
sequencers with discontinuous mode, multiple trigger
sources, and channel-by-channel programmable
sampling time.
This dedicated set of peripherals combined with the
high performance of the Cortex-M3 core allows your
software to shorten the total vector control loop to
21 µs (sensorless mode, three-phase PMSM motor).
The CPU load is below 25% at 10 kHz current sampling
frequency, allowing the STM32 to perform other tasks
than motor control in the application.
Supporting tools include the STM32 motor control
starter kit (STM3210B-MCKIT), a complete hardware
platform and ready-to-run demo based on the STM32
motor control firmware library. It allows rapid feature
evaluation and easy implementation of sensor and
sensorless vector-based motor control for three-phase
PMSM and AC induction motors.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com