Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

8MCANTA7SL Datasheet(PDF) 28 Page - SOURIAU-SUNBANK Connection Technologies

Part # 8MCANTA7SL
Description  Miniature Lightweight High Density Connectors
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURIAU [SOURIAU-SUNBANK Connection Technologies]
Direct Link  https://www.souriau.com/en-en
Logo SOURIAU - SOURIAU-SUNBANK Connection Technologies

8MCANTA7SL Datasheet(HTML) 28 Page - SOURIAU-SUNBANK Connection Technologies

Back Button 8MCANTA7SL Datasheet HTML 24Page - SOURIAU-SUNBANK Connection Technologies 8MCANTA7SL Datasheet HTML 25Page - SOURIAU-SUNBANK Connection Technologies 8MCANTA7SL Datasheet HTML 26Page - SOURIAU-SUNBANK Connection Technologies 8MCANTA7SL Datasheet HTML 27Page - SOURIAU-SUNBANK Connection Technologies 8MCANTA7SL Datasheet HTML 28Page - SOURIAU-SUNBANK Connection Technologies 8MCANTA7SL Datasheet HTML 29Page - SOURIAU-SUNBANK Connection Technologies 8MCANTA7SL Datasheet HTML 30Page - SOURIAU-SUNBANK Connection Technologies 8MCANTA7SL Datasheet HTML 31Page - SOURIAU-SUNBANK Connection Technologies 8MCANTA7SL Datasheet HTML 32Page - SOURIAU-SUNBANK Connection Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 42 page
background image
microComp® Series
28
Mounting hardware
For shell size
A to H
J
MIL Spec
MIL 83513/05-07
MIL 83513/05-17
A thread size
#2-56 UNC
#4-40 UNC
B hex size in mm (inch)
3,18
(.125)
4,75
(.187)
Lock washer
NASM35338-134
NASM35338-135
Material & Finish
303 stainless steel, passivated per QQ-P-35
P/N for Individual packaging (one package for one mated pair:
2 posts, 2 washers and 2 nuts)
8MCJP507
8MCJP517
P/N for packaging per 50 kits (one package for 50 mated pair:
100 posts, 100 washers and 100 nuts)
8MCJP50750
8MCJP51750
Standard Jackpost
For
shell size
P/N for
Individual
packaging
(one package
for one
mated pair: 2
brackets)
P/N for
packaging
per 50 (one
package for 50
mated pair:
100 brackets)
A max
B max
C
D
E
F max
G
H
A to F
8MCBKAF
8MCBKAF50
14.10
8.60
5.0±0.10
9.17 ±0.10
4.0 ±0.10
3.15
2.44 ±0.10
#20-56
(.555 )
(.338 )
(.197±.004)
(.361 ±.004)
(.158 ±.004)
(.124 )
(.096 ±.004)
UNC-2B
G and H
8MCBKGH
8MCBKGH50
16.90
9.10
5.6±0.10
10.44±0.10
4.0±0.10
3.15
2.44 ±0.10
#20-56
(.665 )
(.359 )
(.220 ±.004)
(.411 ±.004)
(.158 ±.004)
(.124 )
(.096 ±.004)
UNC-2B
J
8MCBKJ
8MCBKJ50
23.10
13.10
7.35±0.10
13.13±0.10
6.50±0.10
4.20
3.15 ±0.15
#20-56
(.909 )
(.515 )
(.290 ±.004) (.516 ±.004)
(.256 ±.004)
(.165 )
(.124 ±.006)
UNC-2B
Use thread locking (Loctite 222) to screw standard
jackpost in the brackets. Torque value: 0,44Nm to
0,48Nm
Brackets for mounting on PCB with 90° bent contacts
All dimensions in mm (inches)
Shell size
A to H
J
Torque value
Min (Nm)
Max (Nm)
Min (Nm)
Max (Nm)
0.44
0.48
0.6
0.66
Shell size
A to H
J
Torque Values
Min (Nm) Max (Nm) Min (Nm) Max (Nm)
Jackpost male side
0.44
0.48
0.6
0.66
Jackpost female side
0.28
0.32
0.4
0.44
Nut
0.44
0.48
0.6
0.66



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com