Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MFLHP2815D Datasheet(PDF) 5 Page - Interpoint Corporation Company

Part # MFLHP2815D
Description  DC/DC CONVERTERS 28 VOLT INPUT
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MFLHP2815D Datasheet(HTML) 5 Page - Interpoint Corporation Company

  MFLHP2815D Datasheet HTML 1Page - Interpoint Corporation Company MFLHP2815D Datasheet HTML 2Page - Interpoint Corporation Company MFLHP2815D Datasheet HTML 3Page - Interpoint Corporation Company MFLHP2815D Datasheet HTML 4Page - Interpoint Corporation Company MFLHP2815D Datasheet HTML 5Page - Interpoint Corporation Company MFLHP2815D Datasheet HTML 6Page - Interpoint Corporation Company MFLHP2815D Datasheet HTML 7Page - Interpoint Corporation Company MFLHP2815D Datasheet HTML 8Page - Interpoint Corporation Company MFLHP2815D Datasheet HTML 9Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
PIN OUT
Angled corner indicates pin one.
1
2
3
4
5
6
12
11
10
9
8
7
TOP VIEW
MFLHP
(Pin side, marked side)
See Section B8, case U1 for dimensions.
FIGURE 3: PIN OUT
B2-23
MFLHP SERIES
100 WATT
DC/DC CONVERTERS
MODEL NUMBERING KEY
MFLHP 28 05 S / ES
Base Model
Input Voltage
Output Voltage
Screening
Number of Outputs
(S = single, D = dual)
(Standard screening has no designator
in this position.)
Typical Performance Curves: 25°C Tc , 28 VDC Vin, 100% load, free run, unless otherwise specified.
Output (Watts)
MFLHP2805S & MFLHP2805D
Efficiency
60
90
85
80
75
70
10
30
50
70
90
28V
40V
65
19V
FIGURE 4
Output Power (Watts)
MFLHP2812S & MFLHP2812D
Efficiency
60
90
85
80
75
70
10
30
50
70
90
65
19V
28V
40V
FIGURE 5
FIGURE 6
60
90
85
80
75
70
10
30
50
70
90
65
Output Power (Watts)
MFLHP2815S & MFLHP2815D
Efficiency
19V
40V
28V
100
Pin
Single Output
Dual Output
1
Positive Input
Positive Input
2
Input Common
Input Common
3
Triple (TRI)
Triple (TRI)
4
Inhibit 1 (INH1)
Inhibit 1 (INH1)
5
Sync Out
Sync Out
6
Sync In
Sync In
7
Positive Output
Positive Output
8
Output Common
Output Common
9
Sense Return
Negative Output
10
Positive Sense
No connection
11
Slave
Slave
12
Master / Inhibit 2
Master / Inhibit 2
(MSTR/INH2)
(MSTR/INH2)
Pin 6 should be connected to input common if
external sync (Sync In) is not used.
Sense pins must be connected to their respective
outputs if not used.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com