Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MTR2818SF/883 Datasheet(PDF) 10 Page - Interpoint Corporation Company

Part # MTR2818SF/883
Description  DC/DC CONVERTERS 28 VOLT INPUT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MTR2818SF/883 Datasheet(HTML) 10 Page - Interpoint Corporation Company

Back Button MTR2818SF/883 Datasheet HTML 6Page - Interpoint Corporation Company MTR2818SF/883 Datasheet HTML 7Page - Interpoint Corporation Company MTR2818SF/883 Datasheet HTML 8Page - Interpoint Corporation Company MTR2818SF/883 Datasheet HTML 9Page - Interpoint Corporation Company MTR2818SF/883 Datasheet HTML 10Page - Interpoint Corporation Company MTR2818SF/883 Datasheet HTML 11Page - Interpoint Corporation Company MTR2818SF/883 Datasheet HTML 12Page - Interpoint Corporation Company MTR2818SF/883 Datasheet HTML 13Page - Interpoint Corporation Company MTR2818SF/883 Datasheet HTML 14Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
6
MTR SERIES
30 WATT
DC/DC CONVERTERS
CASE H
BOTTOM VIEW
See Figures 35 and 36
for pin configurations.
2.125 max
(53.98)
1.125 max
(28.58)
Materials
Header Cold Rolled Steel/Nickel/Gold
case H2
Cold Rolled Steel/Nickel/Tin
case H4
Cover
Kovar/Nickel
case H2
Cold Rolled Steel/Nickel/Tin
case H4
Pins
#52 alloy
ceramic seal
case H1
compression glass seal
case H4
Case dimensions in inches (mm)
Tolerance
±0.005 (0.13) for three decimal places
±0.01 (0.3) for two decimal places
unless otherwise specified
CAUTION
Heat from reflow or wave soldering may damage
the device. Solder pins individually with heat
application not exceeding 300
°C for 10 seconds
per pin.
Dot on top of case indicates pin one
FIGURE 34: CASE H MAXIMUM DIMENSIONS
0.155 (3.94)
0.955 (24.26)
0.155 (3.94)
0.955 (24.26)
6
10
7
8
9
Platform
Seam Seal
0.040 dia
(1.02)
0.000
1.110 (28.19)
12
6
10
MTR Series Single, – Standard, ES, or 883
MTR Series Dual: Screening – 883
BOTTOM VIEW CASE H2
345
7
8
9
0.000
1.110 (28.19)
12
345
Squared corner and dot on top
of case indicate pin one.
Squared corner and dot on top
of case indicate pin one.
MTR Series Single
MTR Series Dual (883)
FIGURE 35: CASE H2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com