Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SMFLHP Datasheet(PDF) 3 Page - Interpoint Corporation Company

Part # SMFLHP
Description  DC/DC CONVERTERS 28 VOLT INPUT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

SMFLHP Datasheet(HTML) 3 Page - Interpoint Corporation Company

  SMFLHP Datasheet HTML 1Page - Interpoint Corporation Company SMFLHP Datasheet HTML 2Page - Interpoint Corporation Company SMFLHP Datasheet HTML 3Page - Interpoint Corporation Company SMFLHP Datasheet HTML 4Page - Interpoint Corporation Company SMFLHP Datasheet HTML 5Page - Interpoint Corporation Company SMFLHP Datasheet HTML 6Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SMFLHP SERIES
100 WATT
DC/DC CONVERTERS
Electrical Characteristics:
–55°C to +125°C Tc, 28 VDC Vin, 100% load, free run, unless otherwise specified.
DUAL OUTPUT MODELS
SMFLHP2805D
SMFLHP2812D
SMFLHP2815D
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
OUTPUT VOLTAGE
+VOUT 4.95
5.00
5.05
11.88 12.00 12.12
14.85 15.00 15.15
VDC
Tc = 25°C
–VOUT 4.92
5.00
5.08
11.82 12.00 12.18
14.77 15.00 15.23
OUTPUT CURRENT1
EACH OUTPUT
0
—
11.2
0
—
5.3
0
—
4.67
A
VIN = 19 TO 40 VDC
TOTAL
0
—
16.0
0
—
7.5
0
—
6.67
OUTPUT POWER1
EACH OUTPUT
0
—
56
0
—
63
0
—
70
W
VIN = 19 TO 40 VDC
TOTAL
0
—
80
0
—
90
0
—
100
OUTPUT RIPPLE
10 kHz - 2 MHz
VOLTAGE
+VOUT
—
25
150
—
50
175
—
50
225
mV p-p
–VOUT
—
25
150
—
50
175
—
50
225
LINE REGULATION
+VOUT
—
0
50
—
0
50
—
0
50
mV
VIN = 19 TO 40 VDC
–VOUT
—
25
100
—
25
100
—
25
100
LOAD REGULATION
+VOUT
—
0
50
—
10
100
—
10
100
mV
NO LOAD TO FULL
–VOUT
—
25
100
—
50
200
—
50
200
INPUT VOLTAGE
CONTINUOUS
19
28
40
19
28
40
19
28
40
VDC
NO LOAD TO FULL
TRANSIENT2 50 ms
0
—
50
0
—
50
0
—
50
V
INPUT CURRENT
NO LOAD
—
50
120
—
50
120
—
550
120
mA
Tc = 25°C
FULL LOAD
—
3.6
—
3.8
—
4.2
A
INHIBITED - INH1
—
9
14
—
9
14
—
9
14
mA
INHIBITED - INH2
—
35
80
—
35
80
—
35
80
INPUT RIPPLE
CURRENT
10 kHz - 10 MHz
—
30
80
—
30
80
—
30
80
mA p-p
EFFICIENCY 25°C Tc
BALANCED LOAD
75
80
—
81
86
—
82
87
—
%
LOAD FAULT
POWER DISSIPATION
Tc = 25°C
SHORT CIRCUIT
—
15
20
—
15
20
—
15
20
W
RECOVERY
—
1.5
4.0
—
1.5
4.0
—
1.5
4.0
ms
STEP LOAD
50 %–100%– 50% LOAD
RESPONSE ± VOUT
TRANSIENT
—
350
450
—
450
700
—
450
700
mV pk
RECOVERY3
—
1.5
3.0
—
1.5
3.0
—
1.5
3.0
ms
STEP LINE
19 – 40 – 16 VIN
RESPONSE ± VOUT
TRANSIENT4
—
250
600
—
250
600
—
250
600
mV pk
RECOVERY3
—
200
300
—
200
300
—
200
300
µs
START–UP
DELAY
—
3.5
20
—
3.5
20
—
3.5
20
ms
OVERSHOOT
—
0
25
—
0
50
—
0
50
mV p
Notes
1. Up to 70% of the total output power (current) is available from either output
provided the opposite output is carrying 30% of the power (current) in use.
2. Unit will shut down above approximately 45V but will be undamaged and
will restart when voltage drops into normal range.
3. Recovery time is measured from application of the transient to point at
which Vout is within 1% of final value.
4. Transition time >10 µs.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com