Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GLZ1AE7D Datasheet(PDF) 8 Page - Honeywell Solid State Electronics Center

Part # GLZ1AE7D
Description  Interactive Catalog Supplements Catalog PDFs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

GLZ1AE7D Datasheet(HTML) 8 Page - Honeywell Solid State Electronics Center

Back Button GLZ1AE7D Datasheet HTML 4Page - Honeywell Solid State Electronics Center GLZ1AE7D Datasheet HTML 5Page - Honeywell Solid State Electronics Center GLZ1AE7D Datasheet HTML 6Page - Honeywell Solid State Electronics Center GLZ1AE7D Datasheet HTML 7Page - Honeywell Solid State Electronics Center GLZ1AE7D Datasheet HTML 8Page - Honeywell Solid State Electronics Center GLZ1AE7D Datasheet HTML 9Page - Honeywell Solid State Electronics Center GLZ1AE7D Datasheet HTML 10Page - Honeywell Solid State Electronics Center GLZ1AE7D Datasheet HTML 11Page - Honeywell Solid State Electronics Center GLZ1AE7D Datasheet HTML 12Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Limit and Enclosed Switches
Honeywell Sensing and Control 1-800-537-6945 USA
1-815-235-6847 International 1-800-737-3360 Canada
A17
Snap-Action Contacts
Snap-Action Contacts
Actuator Types
(F.P.) 0°
(O.P.) 26°
(R.P.) 14°
(D.T.) 12°
(*) 55°
(O.T.) 71° to
85°
(F.P.) 0°
(O.P.) 26°
(R.P.) 14°
(D.T.) 12°
(*) 55°
(O.T.) 71° to
85°
(GLG only)
(GLJ only)
12
13
XX
XXX
A1B
Additional
levers available
(see page A24)
B
C
D
E7B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com