Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DW2061 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # DW2061
Description  CONTENTS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DW2061 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button DW2061 Datasheet HTML 7Page - List of Unclassifed Manufacturers DW2061 Datasheet HTML 8Page - List of Unclassifed Manufacturers DW2061 Datasheet HTML 9Page - List of Unclassifed Manufacturers DW2061 Datasheet HTML 10Page - List of Unclassifed Manufacturers DW2061 Datasheet HTML 11Page - List of Unclassifed Manufacturers DW2061 Datasheet HTML 12Page - List of Unclassifed Manufacturers DW2061 Datasheet HTML 13Page - List of Unclassifed Manufacturers DW2061 Datasheet HTML 14Page - List of Unclassifed Manufacturers DW2061 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
HEAVY-DUTY ACCESSORIES
31
SPLINE SHANK
HAMMER BITS
CAT #
DIAMETER
USABLE
OVERALL
LENGTH
LENGTH
2 Cutter Spline Shank
DW5700
3/8"
5"
10"
DW5701
3/8"
8"
13"
DW5702
7/16"
5"
10"
DW5703
1/2"
5"
10"
DW5704
1/2"
11"
16"
DW5705
1/2"
17"
22"
DW5706
1/2"
22"
27"
DW5707
1/2"
31"
36"
DW5708
9/16"
5"
10"
DW5735
9/16"
17"
22"
DW5709
5/8"
5"
10"
DW5710
5/8"
11"
16"
DW5711
5/8"
17"
22"
DW5712
5/8"
22”
27"
DW5713
11/16"
5"
10"
DW5714
3/4"
5"
10"
DW5715
3/4"
11"
16"
DW5716
3/4"
17"
22"
DW5717
3/4"
22"
27"
DW5719
7/8"
11"
16"
DW5720
7/8"
17"
22"
DW5721
1"
11"
16"
DW5722
1"
17"
22"
CAT #
DIAMETER
USABLE
OVERALL
LENGTH
LENGTH
2 Cutter Spline Shank (continued)
DW5723
1"
31"
36"
DW5724
1-1/8"
5"
10"
DW5725
1-1/8"
11"
16"
DW5726
1-1/8"
17"
22"
DW5727
1-1/4"
11"
16"
DW5728
1-1/4"
17"
22"
DW5729
1-3/8"
11"
16"
DW5730
1-3/8"
17"
22"
DW5731
1-1/2"
11"
16"
DW5732
1-1/2"
17"
22"
DW5733
1-3/4"
17"
22"
DW5734
2"
17"
22"
4 Cutter Spline Shank
DW5740
5/8"
5"
10"
DW5741
5/8"
11"
16"
DW5742
5/8"
17"
22"
DW5743
5/8"
22"
27"
DW5744
5/8"
31"
36"
DW5745
11/16"
11"
16"
DW5746
3/4"
5"
10"
DW5747
3/4"
11"
16"
DW5748
3/4"
17"
22"
DW5749
3/4"
22"
27"
CAT #
DIAMETER
USABLE
OVERALL
LENGTH
LENGTH
4 Cutter Spline Shank (continued)
DW5750
3/4"
31"
36"
DW5751
27/32"
11"
16"
DW5752
7/8"
11"
16"
DW5753
7/8"
17"
22"
DW5755
1"
11"
16"
DW5756
1"
17"
22"
DW5757
1"
31"
36"
DW5758
1-1/8"
11"
16"
DW5759
1-1/8"
17"
22"
DW5760
1-1/4"
11"
16"
DW5761
1-1/4"
17"
22"
DW5762
1-1/4"
31"
36"
DW5763
1-3/8"
11"
16"
DW5765
1-3/8"
17"
22"
DW5764
1-1/2"
17"
22"
DW5768
1-3/4"
17"
22"
DW5769
2"
17"
22"
CHISELS & STEEL
CAT #
DESCRIPTION
SDS Plus Steel
DW5348
10" Bull Point
DW5349
10" Scaling Chisel
DW5350
10" Cold Chisel
SDS Max
DW5832**
12" Bull Point
DW5833**
18" Bull Point
DW5834**
1" x 12" Cold Chisel
DW5835**
1" x 18" Cold Chisel
DW5837
2" x 15" Scaling Chisel
DW5838*
3" x 12" Scaling Chisel
DW5848B
4" Clay Spade
DW5843*
12" Bushing Tool
DW5846
16" Asphalt Cutter
DW5847
3/4" Ground Rod Driver
DW5842
12" Slotting Tool
CAT #
DESCRIPTION
Spline - 3/4" Hex x 21/32" Round Spline Shank
DW5770**
12" Bull Point
DW5771**
18" Bull Point
DW5779**
1" x 12" Cold Chisel
DW5780**
1" x 18" Cold Chisel
DW5773
1-1/4" x 12" Scaling Chisel
DW5774
2" x 12" Scaling Chisel
DW5775*
3" x 12" Scaling Chisel
DW5786B
4" Clay Spade
DW5783*
9-1/2" Bushing Tool
DW5781
16" Asphalt Cutter
DW5785
3/4" Ground Rod Driver
DW5772
12" Slotting Tool
3/4" Hex
DW5950**
12" Bull Point
DW5951**
18" Bull Point
DW5953**
1" x 12" Cold Chisel
DW5954**
1" x 18" Cold Chisel
DW5952*
3" x 12" Scaling Chisel
DW5959B
4" Clay Spade
DW5949*
9-1/2" Bushing Tool
DW5957
16" Asphalt Cutter
DW5958
3/4" Ground Rod Driver
CAT #
DESCRIPTION
1-1/8" Hex
DW5960
20" Bull Point
DW5962
20" Cold Chisel
DW5961
3" x 20" Wide Chisel
DW5965
5-1/2" Clay Spade
DW5963
17-1/2" Asphalt Cutter
DW5964
1" Ground Rod Driver
DW5966
6" x 6" Tamper Plate
DW5967
15" Tamper Shank
*Available in bulk packs of 10 (B10)
**Available in bulk packs of 15 (B15)
Fits all brands of
Spline Rotary
Hammers including
DEWALT and Bosch.
SHANK ADAPTERS
CAT #
DESCRIPTION
DW5351
SDS Plus to 1/2" Chuck Adapter
DW5790
Spline to 1/2" Chuck Adapter
DW5353
1/2" Chuck and Key
DW5791
Spline to SDS Plus Adapter
DW5891
SDS Max to SDS Plus Adapter
Converts chuck fitments
of rotary hammers for
increased versatility.
Fits all brands of
SDS Max Chipping
and Demolition
Hammers.
Fits all brands
of SDS Plus
Hammers.
Fits all brands of
Spline Chipping
and Demolition
Hammers.
Fits all brands of
3/4" Hex Chipping
and Demolition
Hammers.
Fits all brands
of 1-1/8" Hex
Pavement
Breakers.
Ring and notch retentions
allow for use in electric and
pneumatic hammers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com