Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SS310LAF Datasheet(PDF) 1 Page - DAESAN ELECTRONIC CORP.

Part # SS310LAF
Description  SCHOTTKY BARRIER RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

SS310LAF Datasheet(HTML) 1 Page - DAESAN ELECTRONIC CORP.

  SS310LAF Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. SS310LAF Datasheet HTML 2Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SS34LAF THRU SS320LAF
Features
· Low profile package
· Ideal for automated placement
· Low power losses, high efficiency
· Low forward voltage drop
· High surge capability
· High temperature soldering:
· Component in accordance to
Maximum R
racteristics
(TA
)
Notes:
(
)
copper pad areas.
Maximum recurrent peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Peak forward surge current 8.3ms single
half sine-wave superimposed on rated load
VDC
Average rectified output current at
TL
V
Symbols
Units
VRMS
A
IFSM
A
Peak reverse current at
rated DC blocking voltage
IF=3.0A
Rating for fusing (t<8.3ms)
V
mA
TA
TA
I2t
IR
Items
Mechanical Data
· Case : SMAF, Molded Plastic
· Terminals: Solder Plated, Solderable
· Polarity: Cathode Band or Cathode Notch
· Marking: Type Number
VRRM
IF(AV)
V
80
Operating junction and storage
temperature range
TJ,TSTG
A2s
Typical Thermal Resistance(2)
R JL
88
Typical Junction Capacitance
CJ
28
pF
3
V
VF
80
80
SS38LAF
70
Dimensions in inches and (millimeters)
40
28
40
SS34LAF
60
42
60
SS36LAF
200
200
SS320LAF
Instantaneous forward voltage at
SCHOTTKY BARRIER RECTIFIER
DAESAN ELECTRONIC CORP.
SMAF


Similar Part No. - SS310LAF

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SS310L TSC-SS310L Datasheet
205Kb / 4P
Surface Mount Schottky Barrier Rectifier
logo
Jinan Jing Heng Electro...
SS310L JINGHENG-SS310L Datasheet
69Kb / 3P
LOW VF SCHOTTKY BARRIER RECTIFIERS
logo
Gaomi Xinghe Electronic...
SS310L GXELECTRONICS-SS310L Datasheet
459Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Yixinwei Techn...
SS310L YIXIN-SS310L Datasheet
268Kb / 2P
3.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Guangdong Juxing Electr...
SS310L JUXING-SS310L Datasheet
2Mb / 2P
Surface Mount Schottky Barrier Rectifiers
More results

Similar Description - SS310LAF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYS1190 VISHAY-BYS1190 Datasheet
51Kb / 4P
Schottky Barrier Rectifier
24-Jun-98
logo
Shanghai Sunrise Electr...
1N5820 SSE-1N5820 Datasheet
13Kb / 1P
SCHOTTKY BARRIER RECTIFIER
SB820 SSE-SB820 Datasheet
23Kb / 1P
SCHOTTKY BARRIER RECTIFIER
logo
Fairchild Semiconductor
FYP2004DN FAIRCHILD-FYP2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF1010DN FAIRCHILD-FYPF1010DN Datasheet
50Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF2004DN FAIRCHILD-FYPF2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Lunsure Electr...
SR820 CHENYI-SR820 Datasheet
153Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF1620 CHENYI-SRF1620 Datasheet
138Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF735 CHENYI-SRF735 Datasheet
178Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
Schottky Barrier Rectifier Schottky Barrier Type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com