Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GD25Q41ATIGT Datasheet(PDF) 13 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25Q41ATIGT
Description  Uniform Sector Dual and Quad Serial Flash
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25Q41ATIGT Datasheet(HTML) 13 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25Q41ATIGT Datasheet HTML 9Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q41ATIGT Datasheet HTML 10Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q41ATIGT Datasheet HTML 11Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q41ATIGT Datasheet HTML 12Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q41ATIGT Datasheet HTML 13Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q41ATIGT Datasheet HTML 14Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q41ATIGT Datasheet HTML 15Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q41ATIGT Datasheet HTML 16Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q41ATIGT Datasheet HTML 17Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 51 page
background image
Uniform Sector
Dual and Quad Serial Flash
GD25Q21B
13
7. COMMANDS DESCRIPTION
All commands, addresses and data are shifted in and out of the device, beginning with the most significant bit on the
first rising edge of SCLK after CS# is driven low. Then, the one-byte command code must be shifted in to the device, most
significant bit first on SI, each bit being latched on the rising edges of SCLK.
See Table2, every command sequence starts with a one-byte command code. Depending on the command, this
might be followed by address bytes, or by data bytes, or by both or none. CS# must be driven high after the last bit of the
command sequence has been shifted in. For the command of Read, Fast Read, Read Status Register or Release from
Deep Power-Down, and Read Device ID, the shifted-in command sequence is followed by a data-out sequence. CS# can
be driven high after any bit of the data-out sequence is being shifted out.
For the command of Page Program, Sector Erase, Block Erase, Chip Erase, Write Status Register, Write Enable,
Write Disable or Deep Power-Down command, CS# must be driven high exactly at a byte boundary, otherwise the
command is rejected, and is not executed. That is CS# must driven high when the number of clock pulses after CS# being
driven low is an exact multiple of eight. For Page Program, if at any time the input byte is not a full byte, nothing will happen
and WEL will not be reset.
Table2. Commands
Command Name
Byte 1
Byte 2
Byte 3
Byte 4
Byte 5
Byte 6
n-Bytes
Write Enable
06H
Write Disable
04H
Volatile SR
Write Enable
50H
Read Status Register
05H
(S7-S0)
(continuous)
Read Status Register-1
35H
(S15-S8)
(continuous)
Write Status Register
01H
(S7-S0)
(S15-S8) (1)
Write Status Register-1
31H
(S15-S8)
Read Data(12)
03H
A23-A16
A15-A8
A7-A0
(D7-D0)
(Next byte)
(continuous)
Fast Read(12)
0BH
A23-A16
A15-A8
A7-A0
dummy
(D7-D0)
(continuous)
Dual Output
Fast Read(12)
3BH
A23-A16
A15-A8
A7-A0
dummy
(D7-D0) (2)
(continuous)
Dual I/O
Fast Read(12)
BBH
A23-A8(3)
A7-A0
M7-M0(3)
(D7-D0) (2)
(continuous)
Quad Output
Fast Read(12)
6BH
A23-A16
A15-A8
A7-A0
dummy
(D7-D0) (4)
(continuous)
Quad I/O
Fast Read(12)
EBH
A23-A0
M7-M0(5)
dummy(6)
(D7-D0) (4)
(continuous)
Quad I/O Word
Fast Read(8) (12)
E7H
A23-A0
M7-M0(5)
dummy(7)
(D7-D0) (4)
(continuous)
Continuous Read Reset
FFH
Page Program
02 H
A23-A16
A15-A8
A7-A0
D7-D0
Next byte
Quad Page Program
32H
A23-A16
A15-A8
A7-A0
(D7-D0)
(4)
Sector Erase
20H
A23-A16
A15-A8
A7-A0
Block Erase(32K)
52H
A23-A16
A15-A8
A7-A0
Block Erase(64K)
D8H
A23-A16
A15-A8
A7-A0
Chip Erase
C7/60 H
Set Burst with Wrap
77H
dummy(10)
W7-W0
Program/Erase
75H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com