Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

B04B-JWPF-SK-R Datasheet(PDF) 2 Page - JST Mfg. Co., Ltd.

Part # B04B-JWPF-SK-R
Description  2.0mm pitch/Crimp style wire-to-wire connectors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JST [JST Mfg. Co., Ltd.]
Direct Link  http://www.jst-mfg.com
Logo JST - JST Mfg. Co., Ltd.

B04B-JWPF-SK-R Datasheet(HTML) 2 Page - JST Mfg. Co., Ltd.

  B04B-JWPF-SK-R Datasheet HTML 1Page - JST Mfg. Co., Ltd. B04B-JWPF-SK-R Datasheet HTML 2Page - JST Mfg. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
JWPF CONNECTOR
Material: PBT, UL94V-0, natural (white)
Q'ty /
bag
Q'ty /
bag
Q'ty /
bag
Q'ty /
bag
Q'ty /
bag
Q'ty /
bag
02T-JWPF-VSLE-S
03T-JWPF-VSLE-S
04T-JWPF-VSLE-S
02R-JWPF-VSLE-S
03R-JWPF-VSLE-S
04R-JWPF-VSLE-S
Q'ty /
bag
Q'ty /
bag
2
3
4
6
8
06T-JWPF-VSLE-D
06R-JWPF-VSLE-D
Q'ty /
bag
Q'ty /
bag
08T-JWPF-VSLE-D
08R-JWPF-VSLE-D
Circuits
Tab housing (for Tab contact)
Receptacle housing
(for Receptacle contact)
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
8.1
25.8
25.8
8.4
8.4
25.8
25.8
12.8
4
4
12.1
25.8
7
5.5
16.5
7
5.5
16.5
7
5.5
16.5
11
9.5
16.5
4
11
9.5
16.5
4
RoHS compliance
Note: 1. Receptacle housing comes with seal rubber plate.
2. Tab housing comes with seal rubber plate, seal ring and seal ring holder.
Housing



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com